Electronic Components Datasheet Search
  English  ▼

X  

KT1016TLD Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KT1016TLD
Description  4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT1016TLD Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KT1016TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P00007.4
- 3 -
http://www.cosmo-ic.com
cosmo
KT101X Series
4PIN LSOP PHOTOTRANSISTOR
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFP
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
100
mW
Output
Collector-Emitter voltage
VCEO
80
V
Emitter-Collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
250
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-55 to +115
℃
Storage temperature
Tstg
-55 to +125
℃
Soldering temperature 10 seconds
Tsol
260
℃
Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max. Unit
Input
Forward voltage
VF
IF=20mA
–
1.2
1.4
V
Reverse current
IR
VR=4V
–
–
10
uA
Terminal capacitance
Ct
V=0, f=1KHZ
–
30
250
pF
Output
Collector dark current
ICEO
VCE=20V, IF=0
–
–
0.1
uA
Collector-Emitter breakdown
voltage
BVCEO Ic=0.1mA, IF=0
80
-
-
V
Emitter-Collector breakdown
voltage
BVECO IE=100uA, IF=0
7
-
-
V
Transfer
charac-
teristics
Current transfer ratio
CTR
IF=5mA, VCE=5V
50
–
600
%
IF=1mA, VCE=5V
15
–
–
%
Collector-emitter saturation
voltage
VCE(sat) IF=10mA, Ic=1mA
–
0.1
0.3
V
Isolation resistance
Riso
DC500V, 40 to 60%RH
5x10
10
10
11
–
Ω
Floating capacitance
Cf
V=0, f=1MHZ
–
0.6
1.0
pF
Response time (Rise)
tr
Vcc=2V,Ic=2mA,RL=100Ω
–
5
–
us
Response time (Fall)
tf
–
4
–
us



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com