Electronic Components Datasheet Search
  English  ▼

X  

KT1016TLD Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KT1016TLD
Description  4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT1016TLD Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KT1016TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P00007.4
- 4 -
http://www.cosmo-ic.com
cosmo
KT101X Series
4PIN LSOP PHOTOTRANSISTOR
PHOTOCOUPLER
Classification table of current
transfer ratio is shown below.
CTR Rank
CTR ( % )
KT1015
50 TO 150
KT1016
100 TO 300
KT1017
80 TO 160
KT1018
130 TO 260
KT1019
200 TO 400
KT1010
50 TO 600
Fig.1 Current Transfer Ratio
vs. Forward Current
1
2
5
2 0
5 0
0
5 0
1 0 0
1 5 0
2 0 0
2 5 0
3 0 0
3 5 0
4 0 0
4 5 0
5 0 0
Ta=25
℃
0
1 0
V =5V
0 . 5
CE
Forward Current IF (mA)
Fig.2 Collector Power Dissipation
vs. Ambient Temperature
Fig.3 Collector Dark Current
vs. Ambient Temperature
50
100
0
-55
0
150
200
25
55
75
100
125
11 5
10
10
-5 5
-1 1
-1 0
10
10
10
-9
-8
-7
50
25
0
7 5
100
-6
-5
C E
V
= 2 0 V
10
10
-2 5
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4 Forward Current
vs. Ambient Temperature
Fig.5 Forward Current
vs. Forward Voltage
60
10
-55
0
20
025
30
40
50
50
75
115 125
20
1.0
0.5
0
1
2
5
10
3.0
2.5
2.0
1.5
500
100
50
200
Ta=75
℃
50
℃
25
℃
0
℃
-25
℃
Ambient Temperature Ta (℃)
Forward Voltage VF (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com