Electronic Components Datasheet Search
  English  ▼

X  

MD1620F Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # MD1620F
Description  5V Stepping Down DC to DC Converter Power IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MD1620F Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  MD1620F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
28
1
15
14
Company Name
Unit:mm
Lot No.
Type No.
+
-0.1
0.4
+
-0.1
+
-0.1
7.0
0.2
1.0
M
0.15
5.4
20.7
21.5MAX
A Portion
Detail of A Portion S = 12 / 1
+
-0.2
0.8
TAB1
TAB2
The level of quality of our products shown in this catalog is intended for use in standard applications requiring ordinary reliability. In the case
these products are to be used in equipment or devices for special or specific applications requiring extremely high levels of quality and reliability
in which failure or malfunction of a product may directly affect human life or health, always make sure to obtain confirmation by contacting our
firm in advance. The quality levels of our products are classified in the manner shown below,
Standard Applications
Computers, OA and other office equipment, communication terminal equipment, measuring instruments, AV equipment, amusement equipment,
home appliances, machine tools, personal equipment, industrial robots, etc.
Special Applications
Transportation equipment (automotive, marine, etc.), trunk line communication equipment, traffic signal equipment, fire prevention/anti-theft
equipment, various safety devices, health care equipment, etc.
Specific Applications
Nuclear power control systems, aeronautical equipment, aerospace equipment, submarine relay equipment, devices and systems for preserving
life, etc.
Although efforts are constantly made to improve quality and reliability, please select a product after careful examination so that personal injury,
accidents and social damage can be prevented as a result of deploying measures such as a redundant design, designs that prevent the
spreading of fire, designs that prevent malfunctions and so forth while taking safety into consideration as necessary.
2K920 (NP)
SHINDENGEN ELECTRIC MFG. CO., LTD.
RECRUIT Ikebukuro Bldg., 13-23, 1-chome Minami-Ikebukuro, Toshima-ku, Tokyo 171-0022 Japan
Phone : 03-5951-8106
Facsimile : 03-5951-8090
Outline Dimensions
* All specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com