Electronic Components Datasheet Search
  English  ▼

X  

MD1620F Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MD1620F
Description  5V Stepping Down DC to DC Converter Power IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MD1620F Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MD1620F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Summary
MD1620F is a non-isolated, PWM control stepping down DC-DC converter power IC
including main MOSFET switch and free wheel SBD inside. It has maximum 10W ( 5V 2A )
output power and high efficiency in wide range. It also has wide input voltage range
(12-57V ) . Its package is compact surface mount type and it is possible to design
DC to DC converter with fewer external components and smaller mounting area.
2A PWM Contr
ol Stepping
Down Converter
IC
It achieves
High Output
Power and
High Efficiency
integrating
high performance
and high function
in
Compact package
Feature
Input Voltage Range 12-57V
Maximum Output Current 2A
Included main MOSFET switch and free wheel SBD
Fixed Frequency 250kHz PWM Control
Over Current Protection Function
Low Input Voltage Protection Function ( ULVO)
Thermal Shut Down Function
5V Stepping Down
DC to DC Converter Power IC
MD1620F
CAT.No.TU074 SEP.2000
Recruit Ikebukuro Bldg., 13-23, 1-chome,
Minami Ikebukuro, Toshima-ku, Tokyo 171-0022,
Japan
Phone: Tokyo(03)5951-8106
Fax
:(03)5951-8089


Similar Part No. - MD1620F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MD1622N SHINDENGEN-MD1622N Datasheet
240Kb / 4P
DC-DC Converter Power IC
More results

Similar Description - MD1620F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
Step Down DC - DC Converter Power IC
MD1423R SHINDENGEN-MD1423R Datasheet
565Kb / 2P
Step Down DC - DC Converter Power IC
MD3221R SHINDENGEN-MD3221R Datasheet
550Kb / 2P
Step Down DC - DC Converter Power IC
MD5001T SHINDENGEN-MD5001T Datasheet
550Kb / 2P
Step Down DC - DC Converter Power IC
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
Step-down DC-DC Converter IC
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
Step-down DC-DC Converter IC
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
DC/DC Step-Down Converter IC
logo
SHENZHEN FUMAN ELECTRON...
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
Step-down DC-DC converter control IC
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com