Electronic Components Datasheet Search
  English  ▼

X  

MH203 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MH203
Description  High Linearity Cellular-Band MMIC Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MH203 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MH203 Datasheet HTML 1Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 2Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 3Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2003
The Communications Edge
TM
MH203
High Linearity Cellular-Band MMIC Mixer
Product Information
Typical Performance Plots: High-side Upconversion
Input IP3 vs RF Frequency
High-side Upconversion, LO= +17 dBm, 25° C
26
28
30
32
34
36
750
800
850
900
950
1000
RF Frequency (MHz)
IF = 150 MHz
IF = 200 MHz
IF = 239 MHz
IF = 300 MHz
IF = 350 MHz
Input IP3 vs RF Frequency
High-side Upconversion, IF = 239 MHz, 25°C
24
26
28
30
32
34
750
800
850
900
950
1000
RF Frequency (MHz)
LO= +15 dBm
LO= +16 dBm
LO= +17 dBm
LO= +18 dBm
LO= +19 dBm
Input IP3 vs RF Frequency
High-side Upconversion, IF = 239 MHz, LO=+17dBm
26
28
30
32
34
36
750
800
850
900
950
1000
RF Frequency (MHz)
-40°C
+25°C
+85°C
Conversion Lossvs RF Frequency
High-side Upconversion, LO= +17 dBm, 25°C
5
6
7
8
9
10
750
800
850
900
950
1000
RF Frequency (MHz)
IF = 150 MHz
IF = 200 MHz
IF = 239 MHz
IF = 300 MHz
IF = 350 MHz
Conversion Lossvs RF Frequency
High-side Upconversion, IF = 239 MHz, 25°C
5
6
7
8
9
10
750
800
850
900
950
1000
RF Frequency (MHz)
LO= +15 dBm
LO= +16 dBm
LO= +17 dBm
LO= +18 dBm
LO= +19 dBm
Conversion Lossvs RF Frequency
High-side Upconversion, IF = 239 MHz, LO=+17dBm
5
6
7
8
9
10
750
800
850
900
950
1000
RF Frequency (MHz)
-40°C
+25°C
+85°C
LOReturn Loss vsLOFrequency
LO=+17 dBm, 25°C
-20
-15
-10
-5
0
900
1000
1100
1200
1300
LOFrequency (MHz)
RFReturnLoss vsRF Frequency
LO=+17 dBm, 25°C
-25
-20
-15
-10
-5
0
750
800
850
900
950
1000
RFFrequency (MHz)
IF =150 MHz
IF =200 MHz
IF =239 MHz
IF =350 MHz
IF =400 MHz
IFReturnLossvsRF Frequency
LO=+17 dBm, 25°C
-25
-20
-15
-10
-5
0
200
250
300
350
400
IFFrequency(MHz)
RF =750 MHz
RF =800 MHz
RF =900 MHz
RF =1000 MHz
RF =1050 MHz
L-RIsolation
LO= +17 dBm, 25°C
0
10
20
30
40
900
1000
1100
1200
1300
LOFrequency(MHz)
L-I Isolation
LO= +17 dBm, 25°C
40
50
60
70
80
900
1000
1100
1200
1300
LOFrequency(MHz)
R-I Isolation
Upconverting Application, LO=+17 dBm, 25°C
0
10
20
30
40
150
200
250
300
350
400
IFFrequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com