Electronic Components Datasheet Search
  English  ▼

X  

MH203 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MH203
Description  High Linearity Cellular-Band MMIC Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MH203 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MH203 Datasheet HTML 1Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 2Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 3Page - List of Unclassifed Manufacturers MH203 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2003
The Communications Edge
TM
MH203
High Linearity Cellular-Band MMIC Mixer
Product Information
Product Features
• +32 dBm IIP3
• RF
800 – 960 MHz
• IF
200 – 350 MHz
• High-side LO configuration
• +17 dBm Drive Level
• Low Cost SOIC-8 Package
• No External Bias Required
Applications
• Mobile Infrastructure
Product Description
The MH203 is a passive GaAs MESFET mixer that
provides high dynamic range performance in a low
cost SOIC-8 package. WJ’s MH203 uses patented
techniques to realize +32 dBm Input IP3 at an LO
drive level of +17 dBm when used in a simple
application
circuit
as
an
upconverting
or
downconverting high-side LO configuration.
This
single monolithic integrated circuit does not require
any external baluns or bias elements.
Typical applications include frequency up/down
conversion,
modulation
and
demodulation
for
receivers and transmitters used in 2.5G and 3G
systems using the cellular and GSM frequency bands.
Functional Diagram
1
2
3
4
8
7
6
5
Function
Pin No.
LO
2
IF & RF
*
7
GND
1, 3, 4, 5, 6, 8
* External components (inductors &
capacitors) are required to diplex the signal
Specifications
1
Parameters
Units
Min
Typ
Max
Comments
RF Frequency Range
MHz
800
960
LO Frequency Range
MHz
1000
1310
IF Frequency Range
MHz
200
350
SSB Conversion Loss
dB
8.2
9.5
Noise Figure
dB
9.0
See note 2
Input IP3
dBm
+28
+32
See note 3
Input P1dB
dBm
+16
LO – RF Isolation
dB
25
30
LO – IF Isolation
dB
50
65
RF – IF Isolation
dB
25
Return Loss: RF Port
dB
-20
See note 4
Return Loss: IF Port
dB
-17
See note 4
Return Loss: LO Port
dB
-12
LO Drive Level
dBm
+17
Test conditions unless otherwise noted:
1. Performance is with the use of an application specific circuit (shown on page 4) with a high-side LO at +17 dBm in a downconverting application at 25° C.
2. Assumes LO injection noise is filtered at the thermal noise floor, -174 dBm/Hz, at the RF, IF, and Image frequencies.
3. IIP3 is measured with
∆f = 1 MHz with RF
in = 0 dBm / tone.
4. The return loss is measured after the diplexer which splits the RF and IF signals from the mixer. Details of the diplexing circuit is shown on page 4.
Absolute Maximum Rating
Ordering Information
Parameter
Rating
Part No.
Description
Operating Case Temperature
-40° to +85
°C
MH203
Cellular-band MMIC Mixer
Storage Temperature
-65° to +100 °C
MH203-PCB
Fully-Assembled Mixer Application Board
Maximum Input LO Power
6
+21 dBm
5. Operation of this device above any of these parameters may cause permanent damage.
6. Total sum of the LO and RF port power should not exceed +23 dBm.


Similar Part No. - MH203

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH203 WJCI-MH203 Datasheet
153Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203-PCB WJCI-MH203-PCB Datasheet
153Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203A-G WJCI-MH203A-G Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
More results

Similar Description - MH203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MH202 ETC1-MH202 Datasheet
163Kb / 2P
High Dynamic Range Cellular Band MMIC Mixer
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH204 WJCI-MH204 Datasheet
163Kb / 2P
High Dynamic Range Cellular Band MMIC Mixer
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com