Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907AL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBT2907AL
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2907AL Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT2907AL Datasheet HTML 1Page - ON Semiconductor MMBT2907AL Datasheet HTML 2Page - ON Semiconductor MMBT2907AL Datasheet HTML 3Page - ON Semiconductor MMBT2907AL Datasheet HTML 4Page - ON Semiconductor MMBT2907AL Datasheet HTML 5Page - ON Semiconductor MMBT2907AL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2016 − Rev. 15
1
Publication Order Number:
MMBT2907ALT1/D
MMBT2907AL,
SMMBT2907AL
General Purpose Transistors
PNP Silicon
Features
• S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
−60
Vdc
Collector − Base Voltage
VCBO
−60
Vdc
Emitter − Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−600
mAdc
Collector Current − Peak (Note 3)
ICM
−1200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation − FR− 5 Board
(Note 1) @TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation − Alumina
Substrate, (Note 2) @TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Total Device Dissipation − Heat Spreader
or equivalent, (Note 4) @TA = 25°C
PD
350
mW
Thermal Resistance, Junction−to−Ambient
RqJA
357
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
3. Reference SOA curve.
4. Heat Spreader or equivalent = 450 mm2, 2 oz.
2F
= Device Code
M
= Date Code*
G
= Pb−Free Package
www.onsemi.com
COLLECTOR
3
1
BASE
2
EMITTER
Device
Package
Shipping†
ORDERING INFORMATION
MMBT2907ALT3G
SMMBT2907ALT3G
SOT−23
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBT2907ALT1G
SMMBT2907ALT1G
SOT−23
(Pb−Free)
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
3000 / Tape &
Reel
10,000 / Tape &
Reel
SOT−23 (TO−236AB)
CASE 318
STYLE 6
MARKING DIAGRAM
1
2
1
3
2F M
G
G


Similar Part No. - MMBT2907AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AL ONSEMI-MMBT2907AL Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
logo
Unisonic Technologies
MMBT2907AL-AE3-6-R UTC-MMBT2907AL-AE3-6-R Datasheet
298Kb / 6P
PNP GENERAL PURPOSE AMPLIFIER
MMBT2907AL-AE3-R UTC-MMBT2907AL-AE3-R Datasheet
252Kb / 6P
PNP GENERAL PURPOSE AMPLIFIER
MMBT2907AL-AL3-6-R UTC-MMBT2907AL-AL3-6-R Datasheet
298Kb / 6P
PNP GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT2907AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com