Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907AL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT2907AL
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2907AL Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT2907AL Datasheet HTML 1Page - ON Semiconductor MMBT2907AL Datasheet HTML 2Page - ON Semiconductor MMBT2907AL Datasheet HTML 3Page - ON Semiconductor MMBT2907AL Datasheet HTML 4Page - ON Semiconductor MMBT2907AL Datasheet HTML 5Page - ON Semiconductor MMBT2907AL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT2907AL, SMMBT2907AL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 5)
(IC = −1.0 mAdc, IB = 0)
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−60
−60
−
−
Vdc
Collector − Base Breakdown Voltage (IC = −10 mAdc, IE = 0)
V(BR)CBO
−60
−
Vdc
Emitter − Base Breakdown Voltage (IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
−
Vdc
Collector Cutoff Current (VCE = −30 Vdc, VEB(off) = −0.5 Vdc)
ICEX
−
−50
nAdc
Collector Cutoff Current
(VCB = −50 Vdc, IE = 0)
(VCB = −50 Vdc, IE = 0, TA = 125°C)
ICBO
−
−
−0.010
−10
mAdc
Base Cutoff Current (VCE = −30 Vdc, VEB(off) = −0.5 Vdc)
IBL
−
−50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −0.1 mAdc, VCE = −10 Vdc)
(IC = −1.0 mAdc, VCE = −10 Vdc)
(IC = −10 mAdc, VCE = −10 Vdc)
(IC = −150 mAdc, VCE = −10 Vdc)
(IC = −500 mAdc, VCE = −10 Vdc) (Note 5)
hFE
75
100
100
100
50
−
−
−
300
−
−
Collector − Emitter Saturation Voltage (Note 5)
(IC = −150 mAdc, IB = −15 mAdc) (Note 5)
(IC = −500 mAdc, IB = −50 mAdc)
VCE(sat)
−
−
−0.4
−1.6
Vdc
Base − Emitter Saturation Voltage (Note 5)
(IC = −150 mAdc, IB = −15 mAdc)
(IC = −500 mAdc, IB = −50 mAdc)
VBE(sat)
−
−
−1.3
−2.6
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product (Notes 5, 6),
(IC = −50 mAdc, VCE = −20 Vdc, f = 100 MHz)
fT
200
−
MHz
Output Capacitance (VCB = −10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
−
8.0
pF
Input Capacitance (VEB = −2.0 Vdc, IC = 0, f = 1.0 MHz)
Cibo
−
30
SWITCHING CHARACTERISTICS
Turn−On Time
(VCC = −30 Vdc, IC = −150 mAdc,
IB1 = −15 mAdc)
ton
−
45
ns
Delay Time
td
−
10
Rise Time
tr
−
40
Turn−Off Time
(VCC = −6.0 Vdc, IC = −150 mAdc,
IB1 = IB2 = −15 mAdc)
(VCC = −6.0 Vdc, IC = −150 mAdc,
IB1 = IB2 = −15 mAdc)
toff
−
100
Storage Time
ts
−
80
Fall Time
tf
−
30
5. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
6. fT is defined as the frequency at which |hfe| extrapolates to unity.
0
0
-16 V
200 ns
50
1.0 k
200
-30 V
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
+15 V
-6.0 V
1.0 k
37
50
1N916
1.0 k
200 ns
-30 V
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
INPUT
Zo = 50 W
PRF = 150 PPS
RISE TIME
≤ 2.0 ns
P.W. < 200 ns
INPUT
Zo = 50 W
PRF = 150 PPS
RISE TIME
≤ 2.0 ns
P.W. < 200 ns
Figure 1. Delay and Rise Time Test Circuit
Figure 2. Storage and Fall Time Test Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com