Electronic Components Datasheet Search
  English  ▼

X  

IRADK10 Datasheet(PDF) 2 Page - International Rectifier

Part # IRADK10
Description  3-phase 115-230V 0.5HP Variable speed Motor Drive control for Appliances and light Industrial Applications.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRADK10 Datasheet(HTML) 2 Page - International Rectifier

  IRADK10 Datasheet HTML 1Page - International Rectifier IRADK10 Datasheet HTML 2Page - International Rectifier IRADK10 Datasheet HTML 3Page - International Rectifier IRADK10 Datasheet HTML 4Page - International Rectifier IRADK10 Datasheet HTML 5Page - International Rectifier IRADK10 Datasheet HTML 6Page - International Rectifier IRADK10 Datasheet HTML 7Page - International Rectifier IRADK10 Datasheet HTML 8Page - International Rectifier IRADK10 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.irf.com
IRADK10
General Safety notes........................................................................................................ 3
Installation ......................................................................................................................... 3
Protection .......................................................................................................................... 3
System Description .......................................................................................................... 4
Electrical and mechanical description........................................................................... 5
RS-232 Serial Link: ........................................................................................................... 5
LED board displays: ......................................................................................................... 6
Reset push button ............................................................................................................ 6
PWM phase command signals........................................................................................ 6
High voltage signals J2.................................................................................................... 7
Power Connector J1 ......................................................................................................... 7
110V/220V selector switch S3 ......................................................................................... 7
Connecting the inverter to the motor. ............................................................................ 7
Operating the motor via the GUI tool ............................................................................. 8
Cycle control description .............................................................................................. 11
Drive Status Feedback ................................................................................................... 12
Technical Data ................................................................................................................. 12
Schematic:....................................................................................................................... 13
Software Block diagram ................................................................................................ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com