Electronic Components Datasheet Search
  English  ▼

X  

SL28PCIE50 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28PCIE50
Description  PCI-Express Gen 2 Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIE50 Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28PCIE50 Datasheet HTML 1Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 2Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 3Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 4Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 5Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 6Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 7Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 8Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SL28PCIe50
DOC#: SP-AP-0758 (Rev. AA)
Page 2 of 16
32-QFN Pin Definitions
Pin No.
Name
Type
Description
1
VSS_PCI
GND
Ground for PCI clock
2
VDD_PCI
PWR 3.3V, Power Supply for PCI clock
3
CLKREQ#3*
I, PU
3.3V, active low input clock request to enable SRC3
(internal 100k-ohm internal pull-up)
4
CLKREQ#4*
I, PU
3.3V, active low input clock request to enable SRC4
(internal 100k-ohm internal pull-up)
5
CLKREQ#5*
I, PU
3.3V, active low input clock request to enable SRC5
(internal 100k-ohm internal pull-up)
6
VDD_SE2
PWR 3.3V, Power Supply for CONF_SE2 clock
7
CONF_SE2
O, SE 3.3V, configurable single-ended clock
8
VSS_SE2
GND
Ground for SE2 clock
9
OE_REF0
I
3.3V, active high input pin to enabled REF0
10
OE_REF1
I
3.3V, active high input pin to enabled REF1
11
VSS_SRC
GND
Ground for SRC clocks
12
OE_REF2
I
3.3V, active high input pin to enabled REF2
13
OE_CONF_SE2
I
3.3V, active high input pin to enabled CONF_SE2
14
VDD_SRC
PWR 3.3V Power Supply for SRC clocks
15
SRC1
O, DIF 100MHz True differential serial reference clock
16
SRC1#
O, DIF 100MHz Complement differential serial reference clock
17
SRC2
O, DIF 100MHz True differential serial reference clock
18
SRC2#
O, DIF 100MHz Complement differential serial reference clock
19
SRC3
O, DIF 100MHz True differential serial reference clock
20
SRC3#
O, DIF 100MHz Complement differential serial reference clock
21
VSS_SRC
GND
Ground for SRC clocks
22
VDD_SRC_IO
PWR Scalable 3.3V to 1.05V Power supply for SRC clocks
23
VSS_SRC
GND
Ground for SRC clocks
24
VDD_SRC_IO
PWR Scalable 3.3V to 1.05V Power supply for SRC clocks
25
SRC4#
O, DIF 100MHz Complement differential serial reference clock
26
SRC4
O, DIF 100MHz True differential serial reference clock
27
VDD_SRC
PWR 3.3V, Power Supply for SRC clocks
28
SRC5#
O, DIF 100MHz Complement differential serial reference clock
29
SRC5
O, DIF 100MHz True differential serial reference clock
30
VSS_SRC
GND
Ground for SRC clocks
31
SCLK
I
SMBus compatible SCLOCK
32
SDATA
I/O
SMBus compatible SDATA
33
NC
NC
No Connect
34
SRC_EN
I
3.3V, active high input for master enable for all SRC clocks. When set to low, all
SRC clocks will be disabled regardless of CLKREQ state.
35
XOUT
O, SE 25.00MHz Crystal output, Float XOUT if using only CLKIN (Clock input)
36
XIN / CLKIN
I
25.00MHz Crystal input or 3.3V, 25MHz Clock Input
37
VSS_REF
GND
Ground for REF clocks
38
REF2
O, SE 3.3V, 25MHz reference output clock
39
REF1
O, SE 25MHz reference output clock
40
REF0
O, SE 25MHz reference output clock
41
VDD_REF
PWR 3.3V, Power Supply for REF clock and power to support WOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com