Electronic Components Datasheet Search
  English  ▼

X  

SL28PCIE50 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SL28PCIE50
Description  PCI-Express Gen 2 Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIE50 Datasheet(HTML) 3 Page - Silicon Laboratories

  SL28PCIE50 Datasheet HTML 1Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 2Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 3Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 4Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 5Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 6Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 7Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 8Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SL28PCIe50
DOC#: SP-AP-0758 (Rev. AA)
Page 3 of 16
EProClock® Programmable Technology
EProClock® is the world’s first non-volatile programmable
clock. The EProClock® technology allows board designer to
promptly achieve optimum compliance and clock signal
integrity; historically, attainable typically through device and/or
board redesigns.
EProClock® technology can be configured through SMBus or
hard coded.
Features:
- > 4000 bits of configurations
- Can be configured through SMBus or hard coded
- Custom frequency sets
- Differential skew control on true or compliment or both
- Differential duty cycle control on true or compliment or both
- Differential amplitude control
- Differential and single-ended slew rate control
- Program Internal or External series resistor on single-ended
clocks
- Programmable different spread profiles
- Programmable modulation rates
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers are individually enabled or disabled. The
registers associated with the Serial Data Interface initialize to
their default setting at power-up. The use of this interface is
optional. Clock device register changes are normally made at
system initialization, if any are required. The interface cannot
be used during system operation for power management
functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, access the bytes in sequential
order from lowest to highest (most significant bit first) with the
ability to stop after any complete byte is transferred. For byte
write and byte read operations, the system controller can
access individually indexed bytes. The offset of the indexed
byte is encoded in the command code described in Table 1.
The block write and block read protocol is outlined in Table 2
while Table 3 outlines byte write and byte read protocol. The
slave receiver address is 11010010 (D2h).
42
CKPWRGD/PD#
I
3.3V LVTTL input. This pin is a level sensitive strobe used to determine
when latch inputs are valid and are ready to be sampled /this pin becomes a
real-time active low input for asserting power down (PD#)
43
VDD_SE1
PWR 3.3V Power Supply for CONF_SE1 clock
44
CONF_SE1
O, SE 3.3V, configurable single-ended clock
45
VSS_SE1
GND
Ground for CONFI_SE1 clock
46
CLKREQ#1*
I, PU
3.3V, active low input clock request to enable SRC1
(internal 100k-ohm internal pull-up)
47
CLKREQ#2*
I, PU
3.3V, active low input clock request to enable SRC2
(internal 100k-ohm internal pull-up)
48
OE_CONF_SE1
I
3.3V, active high input clock request to enable CONF_SE1
Pin No.
Name
Type
Description
Table 1. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation
(6:0)
Byte offset for byte read or byte write operation. For block read or block write operations, these bits should be '0000000'
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1Start
1
Start
8:2
Slave address–7 bits
8:2
Slave address–7 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com