Electronic Components Datasheet Search
  English  ▼

X  

FRC616 Datasheet(PDF) 11 Page - Aplus Intergrated Circuits

Part # FRC616
Description  Recording Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

FRC616 Datasheet(HTML) 11 Page - Aplus Intergrated Circuits

Back Button FRC616 Datasheet HTML 7Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 8Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 9Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 10Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 11Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 12Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 13Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 14Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 15Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
INTEGRATED CIRCUITS INC.
aFRC616
Ver. 1.0
11/17
DC CHARACTERISTICS
Symbol
Parameter
Min. Typ. Max. Unit
Conditions
VDD
Operating Voltage
3.0
6.5
V
VLDO
Internal LDO Output Voltage
2.35
2.75
V
VREF
Reference Voltage
1.20
1.30
V
ISB
Standby Current
1
µA
All function off
IPDN
Power-Down Current
15
20
µA
IOP(IDLE)
Operating Current (Idle)
20
mA
VDD = 5V
IOP(REC)
Operating Current (Record)
35
mA
VDD = 5V
IOP(PLAY)
Operating Current
(Playback)
25
mA
VDD = 5V
VIH
"H" Input Voltage
2.5
V
VIL
"L" Input Voltage
0.6
V
IVOUT
VOUT Current
185
mA
IOH
O/P High Current
8
mA
VDD = 5V / VOH=4.5V
IOL
O/P Low Current
14
mA
VDD = 5V / VOH=0.5V
RNPIO
Input pin pull-down
resistance
300
K
External floating or
drive low.
1
M
External drive high.
RUPIO
Input pin pull-up resistance
4.7
K
Fs/Fs
△
△
△
△
Frequency stability
1.5
%
VDD = 5V ± 1.0V
Fc/Fc
△
△
△
△
Chip to chip Frequency
Variation
1.0
%
Also apply to lot to lot
variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com