Electronic Components Datasheet Search
  English  ▼

X  

FRC616 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # FRC616
Description  Recording Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

FRC616 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button FRC616 Datasheet HTML 2Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 3Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 4Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 5Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 6Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 7Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 8Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 9Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
INTEGRATED CIRCUITS INC.
aFRC616
Ver. 1.0
6/17
PIN DESCRIPTION
Pin Names
Pin No
TYPE
Description
LQFP44
SOP28
VDDP
2
1
Positive power supply for
Internal PWM block.
VDD
11
X
Positive power supply for GPIOs.
VDDA
23
8
Positive power supply for
Internal analog block.
VDDL
33
17
Positive power supply for Internal LDO.
VSSA
22
26
Power ground for Internal PWM block.
VSSL
34
26
Power ground for Internal LDO.
VSSP
43
26
Power ground for Internal analog block.
VSS
12
26
Power ground.
V25
35
18
Internal LDO output for core logical
MPV25
10
X
Internal LDO output for SRAM
& external SPI flash.
VREF
24
9
Reference voltage for Internal LDO
and analog block.
VCM
25
10
Common mode voltage
RSTB
37
20
IN
Chip reset, low active.
SRSTB
38
21
IN
System reset, only use in program
(Engineering) mode, pull-down a resistor
to the VSSL.
VOUT1
1
28
OUT
GPIO or PWM output to drive
speaker directly.
VOUT2
/COUT
44
27
OUT
GPIO, PWM output to drive speaker
directly or DAC output.
PC0/TCLK
41
25
I/O
GPIO or system program interface.
PC1/TDAT
42
24
PC2
3
2
I/O
GPIO.
PC3
4
3
PD0/ROSC
36
19
I/O
GPIO or external oscillate resistor.
PD1/OSCI
39
22
I/O
GPIO or external crystal.
PD2/OSCO
40
23
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com