Electronic Components Datasheet Search
  English  ▼

X  

IVR1004 Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # IVR1004
Description  aIVR1004 ??10 sec
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR1004 Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

  IVR1004 Datasheet HTML 1Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 2Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Integrated Circuits Inc.
aIVR1004
MAR 12 2015
7
5V CPU Control with COUT
Note:
1. C1 is capacitor from 0.1uF to 2.2uF depends on the kind of Vdd source and sound loudness.
E.g. If COUT is used, C1 can be 0.1uF. However, if PWM direct drive speaker is used, C1
should be at least 2.2uF
2. Rb is base resistor from 120 Ohm to 390 Ohm depends on Vdd value and transistor gain.
3. Tr is an NPN transistor with beta larger than 150, e.g. 8050D.
4. Rosc = 610K Ohm with Vdd=3.0V and support sampling rate up to 14KHz
5. For sampling rate higher than 14KHz, smaller value of Rosc should be used.
VDD,VDDA
VSS
RSTB
PB3
OSC
0.1uF
C1
ROSC
=610K
Tr
VOUT2_
COUT
8
1/4W
Speaker
ACE507A33
PB0
PB1
PB2
VOUT=+3.5V
Addr[0]
Addr[1]
Addr[2]
IO0
VIN=+5V
Note :
PB0 to PB2 set to internal pull-up
Addr[0] to [2] are open drain output drive
Rb
4.7K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com