Electronic Components Datasheet Search
  English  ▼

X  

IVR1004 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # IVR1004
Description  aIVR1004 ??10 sec
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR1004 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  IVR1004 Datasheet HTML 1Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 2Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Integrated Circuits Inc.
aIVR1004
MAR 12 2015
6
TYPICAL APPLICATIONS :
Using 3.3V Battery
Using 4.5V Battery
VDD,VDDA
VSS
4.5V
RSTB
PB0
PB1
PB2
OSC
0.1uF
C1
ROSC = 610K
Tr
VOUT2_
COUT
8
1/4W
Speaker
ACE507A33
Output driving of ACE LDO:
ACE507A33 (300mA, 3.3V)
Rb
4.7K
Note :
PB0 to PB2 are set to input
C1 = 0.1uF to 2.2uF depend on the kind of power supply.
VDD,VDDA
VSS
3.3V
RSTB
PB0
PB1
PB2
OSC
Crst = 0.1uF
C1
ROSC=610K
8 / 16
Speake
VOUT1
VOUT2_
COUT
PB3
Rrst = 4.7K
Note :
PB0 to PB2 are set to input; PB3 is set to output
C1 = 0.1uF to 2.2uF depend on the kind of power supply and before the main switch.
R1 = 1M Ohm is optional for fast discharge of Crst when power off.
R1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com