| Electronic Components Datasheet Search |
|
P23682 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
P23682 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits |
|
5 / 30 page ![]() Integrated Circuits Inc. aP23682/341/170/085 8PIN Ver 2.5.1 5 May 24 2016 5. Stop- H : When voice plays finished, output stop pulse. 6. Stop- L : Inverted output of Stop- H. 7. LoadBit : After load voice data to buffer success, output logic high signal. 8. Prog-Busy - H : When voice of Prog-Busy set 1, high pulse output. When voice of Prog-Busy set 0, low pulse output. 9. Prog-Busy - L : Inverted output of Prog-Busy - H. VOICE SECTION COMBINATIONS : Voice files created by the PC base developing system are stored in the built-in EPROM of the aP23682/341/170/085 chip as a number of fixed length Voice Blocks. Voice Blocks are then selected and grouped into Voice Groups for playback. Up to 1024 Voice Groups are allowed. A Voice Blocks Table is used to store the information of combinations of Voice Blocks and then group them together to form Voice Group. Chip aP23682 aP23341 aP23170 aP23085 Memory size 16M bits 8M bits 4M bits 2M bits Max no. of Voice Block 2016 2016 2016 2016 Max. no. of Voice Group 1024 1024 1024 1024 Voice Length 682 sec 341 sec 170 sec 85 sec (@ 6KHz 4-bit ADPCM) Example of Voice Block Combination : Assume here we have three voice files, they are “How are You?”, Sound Effect and Music. Each of the voice file is divided into a number of fixed length Voice Block and stored into the memory. Voice block : B1 = “How” B2 = ”are” B3 = ”You” B4 = Sound Effect B5 = Music1 B6 = Music2 Voice Blocks are grouped together using Voice Table to form Voice Group for playback: Group no. Voice Group contents Voice Table Entries Group 1 “How are You?” B1+B2+B3 Group 2 Sound Effect + “How are You?” B4+ B1+B2+B3 Group 3 “How are You?” + Music1 B1+B2+B3+B5 Group 4 Music2 B6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |