Electronic Components Datasheet Search
  English  ▼

X  

P89170 Datasheet(PDF) 12 Page - Aplus Intergrated Circuits

Part # P89170
Description  VOICE OTP IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89170 Datasheet(HTML) 12 Page - Aplus Intergrated Circuits

Back Button P89170 Datasheet HTML 8Page - Aplus Intergrated Circuits P89170 Datasheet HTML 9Page - Aplus Intergrated Circuits P89170 Datasheet HTML 10Page - Aplus Intergrated Circuits P89170 Datasheet HTML 11Page - Aplus Intergrated Circuits P89170 Datasheet HTML 12Page - Aplus Intergrated Circuits P89170 Datasheet HTML 13Page - Aplus Intergrated Circuits P89170 Datasheet HTML 14Page - Aplus Intergrated Circuits P89170 Datasheet HTML 15Page - Aplus Intergrated Circuits P89170 Datasheet HTML 16Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
11
Aug 23, 2010
• Power-down with RAMP-DOWN (PD2-A9H) or without RAMP-DOWN (PD1-E1H)
Fig. 12 Power-down commands timing
1. PDN1 will power-down the chip and set the COUT data to 00H immediately.
2. PDN2 will power-down the chip by Ramp-down the COUT from its current value to 00H.
3. Power-down will start after 350us (at 6KHz sampling rate).
4. The OUT1 pin (BUSY) will output logic HIGH during Ramp-down operation.
5. PDN2 (Power-down with ramp-down) will be executed correctly only if PU2 is
executed before.
• Set OUT2 pin status (STATUS-E3H)
Fig. 14 Setup the status of programmable output pin, OUT2
1. Signal output from the pin, OUT2, is defined by G[3:0], as below:
G[3:0]
OUT2
G[3:0]
OUT2
000
BUSYB
100
1KHz
001
8KHz
101
16Hz
010
4KHz
110
1MHz
011
2KHz
111
FULLB
2. If the STATUS is not executed, default value of OUT2 is the internal Reset signal.
3. BUSYB is the logical inversion of BUSY.
4. EMPTY (or FULLB) is the logical inversion of FULL.
5. Only the 1MHz clock will not be stopped by the PAUSE command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com