Electronic Components Datasheet Search
  English  ▼

X  

P89170 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # P89170
Description  VOICE OTP IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89170 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  P89170 Datasheet HTML 1Page - Aplus Intergrated Circuits P89170 Datasheet HTML 2Page - Aplus Intergrated Circuits P89170 Datasheet HTML 3Page - Aplus Intergrated Circuits P89170 Datasheet HTML 4Page - Aplus Intergrated Circuits P89170 Datasheet HTML 5Page - Aplus Intergrated Circuits P89170 Datasheet HTML 6Page - Aplus Intergrated Circuits P89170 Datasheet HTML 7Page - Aplus Intergrated Circuits P89170 Datasheet HTML 8Page - Aplus Intergrated Circuits P89170 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
PIN NAMES
PIN
(24-pin)
Playback
Mode
OTP
Program
Mode
Description
1
S7
IO6
Trigger pin (I/O pin with internal pull-down)
2
S8
IO7
Trigger pin (I/O pin with internal pull-down)
3
VSS
VSS
Ground
4
VOUT1
-
PWM output to drive speaker directly
5
VOUT2
-
PWM output to drive speaker directly
6
VDD
VDD
Supply voltage
7
AVDD
AVDD
Analog supply voltage
8
VPP
VPP
Supply voltage for OTP programming
9
OSC
ACLK
Oscillator input
10
COUT
-
D/A current output
11
AVSS
AVSS
Analog ground
12
OUT3
-
Programmable output (I/O pin)
13
OUT2
SIO
Programmable output (I/O pin)
14
OUT1
OEB
Programmable output (I/O pin)
15
RST
DCLK
Reset pin (input pin with internal pull-down)
16
SBT
PGM
Trigger pin (I/O pin with internal pull-down)
17
M1
M1
Mode select pin 1 (input with internal pull-down)
18
M0
M0
Mode select pin 0 (input with internal pull-down)
19 ~ 24
S1~S6
IO0~IO5
Trigger input (I/O pin with internal pull-down)
Ver 4.0
2
May 14, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com