Electronic Components Datasheet Search
  English  ▼

X  

8360 Datasheet(PDF) 7 Page - Mallory performance club

Part # 8360
Description  MSD Pro-Billet Ready-to-Run Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8360 Datasheet(HTML) 7 Page - Mallory performance club

  8360 Datasheet HTML 1Page - Mallory performance club 8360 Datasheet HTML 2Page - Mallory performance club 8360 Datasheet HTML 3Page - Mallory performance club 8360 Datasheet HTML 4Page - Mallory performance club 8360 Datasheet HTML 5Page - Mallory performance club 8360 Datasheet HTML 6Page - Mallory performance club 8360 Datasheet HTML 7Page - Mallory performance club 8360 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INSTALLATION INSTRUCTIONS
7
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 7 -5 2 0 0 • F AX ( 9 15 ) 8 57 - 33 4 4
TACHOMETER INFORMATION
The MSD Ready-to-Run has a Gray wire that provides a 12 volt square
wave, 20° duty cycle tachometer signal that will trigger most tachometers.
It is recommended to connect this lead to your tach’s trigger input wire
and check its operation. Note that the rpm limiter is extremely accurate
and due to the variety of tachometers available, there may be differences
in the displayed rpm.
PROGRAMMING THE REV LIMIT
A tachometer is required to set the rev limit. The limit is programmed by
running the engine at half the desired rpm, then momentarily grounding
the Gray tach output wire from the MSD. A Gray jumper wire is supplied
to connect to the tach with another tee-splice coming off to use for
programming. A switch may also be installed to ease adjustments of
the limiter (Figure 12). The default rpm limit is 10,000 rpm and the limit is
adjustable from 2,000 - over 10,000 rpm..
1. Start the engine and bring the rpm to half the desired rev limit (for a 6,000 rpm limit, raise and hold the rpm
to 3,000).
2. While holding the rpm steady, short the Gray tach wire to ground for approximately one second. Note that
the tach will go to zero while grounded.
3. The tach will now display the programmed rev limit amount for two seconds. If this value does not register
on the tach, repeat the procedure and try a different ground source.
The MSD Ready-to-Run Distributor has an optional built in Rev Limiter Verification feature. When activated, it
will display the rev limit setting at key-on. This feature is not activated from the factory. To enable this feature,
follow the procedure below.
Note: It is important to note that this feature should not be used with EFI systems. When activated, an rpm
signal is sent to the tachometer. With an aftermarket EFI system, this could activate the injectors causing
a flooding situation.
ENABLE REV LIMIT VERIFICATION
1. With the ignition switch in the off position, ground the Gray tach output wire.
2. With the Gray wire connected to ground, turn the ignition on without starting the engine.
3. Hold the Gray tach output wire to ground for seven seconds. (AT LEAST five seconds.)
4. Release the wire from ground before ten seconds have passed.
5. To confirm the process has worked, cycle turn the key On. The tachometer should sweep to the rpm limit
set on the ignition.
To deactivate the verification feature, repeat the process.
VACUUM ADVANCE
Your distributor is equipped with an optional
vacuum advance canister. Vacuum advance is
generally used to improve cruising economy
and driveability, depending on the application.
The chart in Figure 13 shows the relationship
between engine vacuum and the amount of
ignition timing advance.
To connect the vacuum advance, connect a
vacuum hose from the canister to a ported
vacuum source on the carburetor or throttle
body. Ported vaccum sources are located
above the throttle plates so there will not be an
excessive amount of timing advance at idle and
lower engine speeds.
TO
TACH
OPTIONAL
PROGRAMMING
SWITCH
JUMPER
GRAY
Figure 12 Setting the Rev Limiter.
0
2
4
6
8
10
12
14
12345678
910111213141516
Degrees of Advance
OE Non Adjustable Vac. Adv. 1808
Figure 13 Vacuum Advance and Timing Chart.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com