Electronic Components Datasheet Search
  English  ▼

X  

8360 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8360
Description  MSD Pro-Billet Ready-to-Run Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8360 Datasheet(HTML) 1 Page - Mallory performance club

  8360 Datasheet HTML 1Page - Mallory performance club 8360 Datasheet HTML 2Page - Mallory performance club 8360 Datasheet HTML 3Page - Mallory performance club 8360 Datasheet HTML 4Page - Mallory performance club 8360 Datasheet HTML 5Page - Mallory performance club 8360 Datasheet HTML 6Page - Mallory performance club 8360 Datasheet HTML 7Page - Mallory performance club 8360 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSD Pro-Billet Ready-to-Run Distributor
Chevrolet V8, PN 8360/83603
Chevrolet 348, 409, PN 8393
Chevrolet 409 Aluminum Block Only, PN 83931
WARNING: Before installing the MSD Ready to Run Distributor, disconnect the battery cables. When
disconnecting the battery cables, always remove the Negative (-) cable first and install it last.
Parts Included:
1 - Pro-Billet Distributor
1 - Rotor, PN 8467
1 - Distributor Cap, Red PN 8433 or Black PN 84333
1 - Wire Retainer
2 - 1.5" Self Tapping Screws
2 - 10-32 x 3/4" Socket Head Screws
Note: The terminals of this Ready-to-Run Distributor require spark plug style terminals. You may need to
changetheterminalsandbootsofyourwires.MSDofferstwokits,PN8849 or PN 8848 that are supplied
with nine boots and terminals.
Note: If the gear is ever replaced, MSD Gear (PN 8531) is required for replacement due to the .500"
diameter shaft.
TIMING FUNCTIONS
Before continuing with the installation, here are a few definitions you should be aware of:
Initial Timing: This is the base timing (also referred to as idle timing) of the engine before the centrifugal
advance begins.
Centrifugal Advance: The centrifugal (or mechanical) advance mechanism is made up of weights, springs,
advance cams, and an advance stop bushing. The amount and rate of advance that your distributor is
capable of is determined by the centrifugal timing. If you ever wish to lock out the centrifugal advance,
refer to the centrifugal advance section.
Total Timing: This is the total of the initial timing plus the centrifugal advance added together. Example:
10° Initial + 25° centrifugal = 35° Total Timing. (When checking Total timing, disconnect and cap the
vacuum canister and plug the vacuum line.)
Vacuum Advance: The vacuum advance will advance the timing up to approximately 12° during partial
throttle driving (with 15 lbs. of vacuum). The vacuum line should be routed to a ported vacuum outlet above
the throttle plates.
Note: MSD Distributors are supplied with the heavy (slow) advance springs and the 21° stop bushing
installed. This is to prevent detonation in certain applications. Review the information on pages 2-4
to determine the best advance curve for your application.
RPM LIMIT AND TACHOMETER INFORMATION
Tach Signal: The Ready-to-Run Distributor features a Gray Tach Output wire which provides a clean signal
for most tachometers and even some aftermarket fuel injection systems. The signal output
is a 12 volt square wave, 20° duty cycle. This wire is also responsible for programming the
built-in rev limiter.
1 - Advance Kit
1 - 3-Pin Harness
1 - Gasket
1 - Tube of Gear Lubricant
2 - O-Rings
1 - Vacuum Advance Lock-Out Kit
1 - Gray Tach Jumper
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 7 -5 2 0 0 • F AX ( 9 15 ) 8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 8360

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
logo
Sensata Technologies, I...
8360 SENSATA-8360 Datasheet
206Kb / 3P
360° NON-CONTACTING THROUGH-HOLE POSITION SENSOR
logo
Abbatron All Rights Res...
8360-8375 ABBATRON-8360-8375 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Belden Inc.
83602 BELDEN-83602 Datasheet
183Kb / 2P
Electronic, 2 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83602-0021000 BELDEN-83602-0021000 Datasheet
183Kb / 2P
Electronic, 2 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results

Similar Description - 8360

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8350 MALLORY-PN8350 Datasheet
632Kb / 8P
MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN8360 MALLORY-PN8360 Datasheet
683Kb / 8P
MSD Pro-Billet Ready-to-Run Distributor
PN8386 MALLORY-PN8386 Datasheet
603Kb / 8P
MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN8388 MALLORY-PN8388 Datasheet
603Kb / 8P
MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN8389 MALLORY-PN8389 Datasheet
561Kb / 8P
MSD Pro-Billet Ready-to-Run Chrysler Distributor
PN8523 MALLORY-PN8523 Datasheet
662Kb / 8P
MSD Pro-Billet Ready-to-Run AMC V8 Distributor
PN8528 MALLORY-PN8528 Datasheet
641Kb / 8P
MSD Pro-Billet Ready-to-Run Distributors
PN8595 MALLORY-PN8595 Datasheet
536Kb / 8P
MSD Pro-Billet Ready to Run Distributor
PN83501 MALLORY-PN83501 Datasheet
632Kb / 8P
MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
83873 MALLORY-83873 Datasheet
597Kb / 8P
MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com