Electronic Components Datasheet Search
  English  ▼

X  

8731 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8731
Description  MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8731 Datasheet(HTML) 1 Page - Mallory performance club

  8731 Datasheet HTML 1Page - Mallory performance club 8731 Datasheet HTML 2Page - Mallory performance club 8731 Datasheet HTML 3Page - Mallory performance club 8731 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
MSD 2-Step Launch Control
for Ford 5.0L Mod Motors 2011
PN 8731
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered
in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdignition.com/registration.
Parts Included:
1 - 2-Step Launch Control
1 - Harness
The 2-Step Launch Control is a low rpm limiter only. The factory speed limiter will not be affected.
This MSD 2-Step Launch Control is designed for Ford Modular 5.0L engines with Coil-on-Plug ignitions. The
2-Step Control switches to a lower rpm limit that will assist in consistent launches and 60-foot times. RPM
adjustments are made via two rotary switches located on the harness side of the unit. The adjustment range
is from 1,000 - 10,900 rpm, in 100 rpm increments. An LED will illuminate when the launch rev limit is active.
Note: It is recommended to have the Service Manual for your vehicle. If you cannot identify an
activation wire, a microswitch or relay may be required.
Note: The engine rpm must drop more than one third of the set launch limit in order to activate. For
example, if the launch limit is set at 3,000 rpm, the engine speed must drop below 2,000 rpm
in order for the launch limit to become active (one third of 3,000 rpm is a 1,000 rpm drop).
Caution: Keeping the engine on a lower rpm limit may cause the Check Engine light to come on
and could potentially damage the catalytic converter.
IMPORTANT: Due to wiring variations on different models, MSD cannot identify specific wiring on
the clutch switches. Consult your Service Manual for wiring schematics.
MOUNTING
The 2-Step Control can be mounted in any
position but keep in mind to mount it so the
rotary dials are accessible for adjustments
(Figure 1). Hardware is supplied for mounting.
Before mounting the unit, confirm that the
wiring harnesses reach their connections.
Parts Bag:
1 - Tap
3 - Mounting Screws
Figure 1 Accessible Rotary Dials.
ROTARY
DIALS


Similar Part No. - 8731

ManufacturerPart #DatasheetDescription
logo
C&K Components
8731 CK-COMPONENTS-8731 Datasheet
224Kb / 3P
Overtravel Pushbutton Switches
logo
Keystone Electronics Co...
8731 KEYSTONE-8731 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Integrated Device Techn...
8731-01 IDT-8731-01 Datasheet
255Kb / 17P
Differential reference clock input pair
logo
Renesas Technology Corp
8731-01 RENESAS-8731-01 Datasheet
457Kb / 18P
Low SKEW, 1-to-11 Differential-to-3.3V LVPECL Clock Multiplier / Zero Delay Buffer
REVISION B 7/14/15
logo
ASM GmbH
8731-10 ASM-SENSOR-8731-10 Datasheet
1Mb / 8P
WAVE COMPARATOR
More results

Similar Description - 8731

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7751 MALLORY-PN7751 Datasheet
186Kb / 2P
MSD Manual Launch Control
PN8473 MALLORY-PN8473 Datasheet
275Kb / 8P
MSD Ford Billet Distributors
PN8731 MALLORY-PN8731 Datasheet
432Kb / 4P
MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
PN8733 MALLORY-PN8733 Datasheet
107Kb / 2P
MSD 2-Step Launch Control for GM LS Series Engines
PN8734 MALLORY-PN8734 Datasheet
157Kb / 4P
MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
PN8735 MALLORY-PN8735 Datasheet
270Kb / 2P
MSD Launch Control
PN8598 MALLORY-PN8598 Datasheet
345Kb / 8P
MSD Ford Billet Distributors
8733 MALLORY-8733 Datasheet
107Kb / 2P
MSD 2-Step Launch Control for GM LS Series Engines
8734 MALLORY-8734 Datasheet
157Kb / 4P
MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
8735 MALLORY-8735 Datasheet
270Kb / 2P
MSD Launch Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com