Electronic Components Datasheet Search
  English  ▼

X  

8731 Datasheet(PDF) 3 Page - Mallory performance club

Part # 8731
Description  MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8731 Datasheet(HTML) 3 Page - Mallory performance club

  8731 Datasheet HTML 1Page - Mallory performance club 8731 Datasheet HTML 2Page - Mallory performance club 8731 Datasheet HTML 3Page - Mallory performance club 8731 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INSTALLATION INSTRUCTIONS
3
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
CONNECT THE ACTIVATION WIRE
The launch rpm limit can be activated through a ground or a 12 volt
source.
Ground: Switch the Blue wire to ground to activate the launch limit.
12 volts: Connect the White/Blue wire to 12 volts to activate the
launch limit.
If you are planning to use the factory clutch switch to activate the
2-Step, note that there may be variations in factory wiring colors and
outputs. It is recommended that you have the factory wiring diagram
and schematic. Also, check any wiring for voltage or ground with the
key on, during cranking and when the engine is running. A relay may
be required with factory wiring systems.
GROUND
ACTIVATION
WIRES
WHITE BLUE
BLUE
ACTIVATES
WITH 12 VOLTS
OR GROUND
TAN
RED
BLACK
GRAY
NOTE: IF THE LED DOESN'T TURN ON, AS
DETAILED IN STEP 5, FOLLOW THIS
DIAGRAM.
OR
NOTE: DO NOT USE THE BLUE AND BLUE/WHITE
WIRES AT THE SAME TIME.
BLUE - ACTIVATED WHEN GROUND
WHITE/BLUE - ACTIVATED W/12 VOLTS
Figure 3 Alternate Wiring.
Figure 5 Wiring the Launch Activation Wire.
Figure 4 Activation Wire.
BLUE
ACTIVATION
WIRE
BLUE
ACTIVATION
WIRE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com