Electronic Components Datasheet Search
  English  ▼

X  

8737 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8737
Description  MSD Module Selectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8737 Datasheet(HTML) 1 Page - Mallory performance club

  8737 Datasheet HTML 1Page - Mallory performance club 8737 Datasheet HTML 2Page - Mallory performance club 8737 Datasheet HTML 3Page - Mallory performance club 8737 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parts Included:
1 - Module Selector
4 - Mounting Screws
Note: Do NOT use solid core spark plug wires with any MSD component.
1 - Parts Bag, Wiring Terminals
Module 2
This is the default module. It is active when no voltage is present
on the other wires.
Active when 12 volts are applied to the Red Wire.
Active when 12 volts are applied to the Blue Wire. (3-Step Only)
Module 1
Note: If 12 volts are applied to the Red and Blue wires at the same time, Module 3
will be active.
Module 3
ACTIVATION WIRES
SWITCH OR
MICRO SWITCH
PN 8820
TO GROUND
TO 12V
RED
BLACK
TO MODULE SOCKET
TO LINE LOCK
OR TRANS-BRAKE
SOLENOID
MODULE SELECTOR
STEP
MODULE 2
MODULE 1
PN 8739
AUTOTRONIC CONTROLS CORPORATION
1490 HENRY BRENNAN DR, EL PASO, TX 79936
TM
        Figure 1 Basic Two Step Module Selector Installation.
•The 2-Step Module Selector switches between two modules.
•The 3-Step Module Selector switches between three modules.
MSD Module Selectors
Two Step, PN 8739
Three Step, PN 8737
The MSD Module Selectors provide the ability to switch between two or three different rpm or degree
modules. The different modules are activated when 12 volts are applied to the corresponding activa-
tion wire. The Selectors work with either a Soft Touch Rev Control or any MSD Timing Control that
uses plug-in modules.
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered
in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdignition.com/registration.
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4


Similar Part No. - 8737

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8737 BELDEN-8737 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
8737-0601000 BELDEN-8737-0601000 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
8737-060500 BELDEN-8737-060500 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
8737-0605000 BELDEN-8737-0605000 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
8737-060U1000 BELDEN-8737-060U1000 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
More results

Similar Description - 8737

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7761 MALLORY-PN7761 Datasheet
191Kb / 8P
MSD Advanced RPM Control Module
PN7763 MALLORY-PN7763 Datasheet
2Mb / 12P
MSD Boost Control Module
PN8737 MALLORY-PN8737 Datasheet
246Kb / 4P
MSD Module Selectors
PN8870 MALLORY-PN8870 Datasheet
297Kb / 4P
MSD DIS Coil Interface Module
PN77631 MALLORY-PN77631 Datasheet
2Mb / 12P
MSD Boost Control Module
PN83647 MALLORY-PN83647 Datasheet
329Kb / 4P
MSD HEAT Digital HEI Module
8739 MALLORY-8739 Datasheet
246Kb / 4P
MSD Module Selectors
8870 MALLORY-8870 Datasheet
297Kb / 4P
MSD DIS Coil Interface Module
83647 MALLORY-83647 Datasheet
326Kb / 4P
MSD HEAT Digital HEI Module
logo
PHOENIX CONTACT
1408706 PHOENIX-1408706 Datasheet
532Kb / 17P
NBC-MSD-MSD SCO/.../... - Network cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com