Electronic Components Datasheet Search
  English  ▼

X  

8737 Datasheet(PDF) 3 Page - Mallory performance club

Part # 8737
Description  MSD Module Selectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8737 Datasheet(HTML) 3 Page - Mallory performance club

  8737 Datasheet HTML 1Page - Mallory performance club 8737 Datasheet HTML 2Page - Mallory performance club 8737 Datasheet HTML 3Page - Mallory performance club 8737 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INSTALLATIONINSTRUCTIONS
3
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
        Figure 4 Wiring a Three Step to a Timing Control for Multiple Retards.
PART NO.
AUTOTRONIC CONTROLS CORPORATION
SERIAL NO..
TACH OUTPUT
MAGNETIC
PICKUP
(NOT USED)
WHITE WIRE
TO POINTS OR
AMPLIFIER
IF USED
TO MAGNETIC
PICKUP
TRIGGER
IF USED
YELLOW
BLACK
(NOT USED)
WHITE
RED
GRAY
GRAY
RED
BLUE
SWITCH +12V TO ACTIVATE
SECOND RETARD
SWITCH +12V TO ACTIVATE
THIRD RETARD
FIRST RETARD
IGNITION KEY
+12 VOLTS
WHEN GRAY WIRE
IS GROUND THERE
IS NO RETARD, OPEN
SWITCH TO RETARD.
BLACK
TO GROUND
WHITE
TIMING COMPUTER
PN 8980
PN 8737
BLACK
FIRST
RETARD
THIRD
RETARD
SECOND
RETARD
ORANGE
BLACK
COIL
IGNITIO
N
TM
Multiple
Spark
Discharge
MODULE 2
MODULE 1
PN 8737
MODULE SELECTOR
3
AUTOTRONIC CONTROLS CORPORATION
1490 HENRY BRENNAN DR, EL PASO, TX 79936
TM
+
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
        Figure 5 Wiring a Three Step to a Shift Light for Multiple Shift Points.
SHIFT LIGHT
BLACK
TO GROUND
RED
GREEN
TO SWITCHED
12 VOLTS
TO
TACH OUTPUT
RED
BLUE
SWITCH +12V TO ACTIVATE
SECOND SHIFT POINT
SWITCH +12V TO ACTIVATE
THIRD SHIFT POINT
PN 8737
BLACK
FIRST
SHIFT POINT
THIRD
SHIFT POINT
SECOND
SHIFT POINT
MODULE 2
MODULE 1
PN 8737
MODULE SELECTOR
3
AUTOTRONIC CONTROLS CORPORATION
1490 HENRY BRENNAN DR, EL PASO, TX 79936
TM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com