Electronic Components Datasheet Search
  English  ▼

X  

8950 Datasheet(PDF) 4 Page - Mallory performance club

Part # 8950
Description  MSD RPM Activated Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8950 Datasheet(HTML) 4 Page - Mallory performance club

  8950 Datasheet HTML 1Page - Mallory performance club 8950 Datasheet HTML 2Page - Mallory performance club 8950 Datasheet HTML 3Page - Mallory performance club 8950 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RPM
PART NUMBER
3,000 - 5,200
PN 8670
4,600 - 6,800
PN 8671
6,000 - 8,200
PN 8672
7,600 - 9,800
PN 8673
9,000 - 11,200
PN 8674
RPM Module Kits are supplied with five modules in a range of 200 rpm increments. There are even
number sets and odd number sets available. Example: PN 8746 includes 5,000, 5,200, 5,400, 5,600,
5,800 modules.
Kit
Even Set
Odd Set
3,000 Kit
PN 8743
87431
4,000 Kit
PN 8744
87441
5,000 Kit
PN 8745
87451
6,000 Kit
PN 8746
87461
7,000 Kit
PN 8747
87471
8,000 Kit
PN 8748
87481
9,000 Kit
PN 8749
87491
10,000 Kit
PN 8750
87501
11,000 Kit
PN 8751
87511
Module Selectors: These Selectors
offer 12 different rpm limits at the
turn of a knob. Note: Even rpm in
200 rpm increments only.
For rpm settings below 3000 rpm,
MSD offers an adjustable Module,
PN 8677
Limited Warranty
MSD warrants this product to be free from defects in material and workmanship under its intended normal use*,
when properly installed and purchased from an authorized MSD dealer, for a period of one year from the date of
the original purchase. This warranty is void for any products purchased through auction websites. If found to be
defective as mentioned above, it will be repaired or replaced at the option of MSD. Any item that is covered under
this warranty will be returned free of charge using Ground shipping methods.
This shall constitute the sole remedy of the purchaser and the sole liability of MSD. To the extent permitted by
law, the foregoing is exclusive and in lieu of all other warranties or representation whether expressed or implied,
including any implied warranty of merchantability or fitness. In no event shall MSD or its suppliers be liable for special
or consequential damages.
*Intended normal use means that this item is being used as was originally intended and for the original application
as sold by MSD. Any modifications to this item or if it is used on an application other than what MSD markets the
product, the warranty will be void. It is the sole responsibility of the customer to determine that this item will work for
the application they are intending. MSD will accept no liability for custom applications.
Service
In case of malfunction, this MSD component will be repaired free of charge according to the terms of the warranty.
When returning MSD components for warranty service,
Proof of Purchase must be supplied for verification. After
the warranty period has expired, repair service is based on a minimum and maximum fee.
All returns must have a Return Material Authorization (RMA) number issued to them before
being returned. To obtain an RMA number please contact MSD Customer Service at 1 (888) MSD-7859 or visit
our website at www.msdperformance.com/rma to automatically obtain a number and shipping information.
When returning the unit for repair, leave all wires at the length in which you have them installed. Be sure to include
a detailed account of any problems experienced, and what components and accessories are installed on the vehicle.
The repaired unit will be returned as soon as possible using Ground shipping methods (ground shipping is covered
by warranty). For more information, call MSD at (915) 855-7123. MSD technicians are available from 7:00 a.m. to
5:00 p.m. Monday - Friday (mountain time).
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
© 2012 Autotronic Controls Corporation
FRM28660
Revised 12/11
Printed in U.S.A.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com