Electronic Components Datasheet Search
  English  ▼

X  

8950 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8950
Description  MSD RPM Activated Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8950 Datasheet(HTML) 1 Page - Mallory performance club

  8950 Datasheet HTML 1Page - Mallory performance club 8950 Datasheet HTML 2Page - Mallory performance club 8950 Datasheet HTML 3Page - Mallory performance club 8950 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IMPORTANT: Read the instructions before attempting the installation.
Parts Included:
1 - RPM Switch
4 - Heat-Shrink Caps
4 - Self Tapping Screws
Note: RPM Modules must be purchased separately. See the chart on the last page for part numbers.
The RPM Activated Switch can be connected to stock ignition systems or MSD Ignitions. When using a
capacitive discharge ignition such as an MSD,
do not connect the Switch to the coil negative terminal.
Damage to the Switch may occur.
The Switch is capable of carrying 1.5 amps. If the circuit you are activating requires more current,
an MSD Relay, PN 8960 or 8961 must be used. The MSD RPM Activated Switch is equipped with a
"smart driver". This circuit will protect the RPM Switch from damage by monitoring its temperature.
If there is an inadvertant short or too much current is drawn through the Switch, the smart driver will
sense the increased temperature and shut the Switch off. However, once the temperature drops to a
safe point, the smart driver will turn the Switch back on. It will continuously cycle On and Off as the
temperature dictates.
If you experience a problem with your Switch not operating, turn the circuit off for a few minutes to cool,
then try again. If the circuit activates then shuts off, there may be too much current flow. Check the
device's Installation Instructions to find its recommended maximum current.
The RPM Switch has two activation wires. The Yellow wire is Normally Open and will activate a circuit
by switching to ground. The Gray wire is Normally Closed to ground and will open the ground circuit
at the desired RPM (Figure 1). If no rpm module is installed, the Switch will not activate the circuit.
Figure 1 Operation of the RPM Activated Switch.
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered in our
monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product will help if there
is ever a warranty issue with your product and helps the MSD R&D team create new products that you
ask for! Go to www.msdperformance.com/registration.
MSD RPM Activated Switch
PN 8950


Similar Part No. - 8950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8950 ETC2-8950 Datasheet
56Kb / 1P
8940 THRU 8925 8955 THRU 8961
logo
Littelfuse
895020 LITTELFUSE-895020 Datasheet
172Kb / 1P
Low Prroffiille JCASE Fuses
895025 LITTELFUSE-895025 Datasheet
172Kb / 1P
Low Prroffiille JCASE Fuses
logo
Belden Inc.
89503 BELDEN-89503 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
89503.002100 BELDEN-89503.002100 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
More results

Similar Description - 8950

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
636 MALLORY-636 Datasheet
156Kb / 1P
4-Stage RPM Activated Switch
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
PN7761 MALLORY-PN7761 Datasheet
191Kb / 8P
MSD Advanced RPM Control Module
PN8950 MALLORY-PN8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
PN8956 MALLORY-PN8956 Datasheet
220Kb / 4P
MSD RPM Activated Window Switch
PN8969 MALLORY-PN8969 Datasheet
354Kb / 4P
Digital RPM Activated Window Switch
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Mallory performance clu...
8956 MALLORY-8956 Datasheet
220Kb / 4P
MSD RPM Activated Window Switch
8969 MALLORY-8969 Datasheet
354Kb / 4P
Digital RPM Activated Window Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com