| Electronic Components Datasheet Search |
|
8963 Datasheet(PDF) 4 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
8963 Datasheet(HTML) 4 Page - Mallory performance club |
|
4 / 4 page ![]() GMR PICKUP NOTE: The brass screw must be used for proper operation. PRIMARY COIL (+) WIRE OR DIESEL INJECTOR 12 VOLT WIRE WASHER MUST BE ON TOP OF METAL TAB METAL TAB GMR PICKUP BLACK GROUND RED SWITCHED 12 VOLT SIGNAL OUTPUT GMR PICKUP GREEN SHIFT LIGHT BLACK GROUND UP MODE DOWN RESET SWITCH Figure 6 Wiring the 12 Amp Pro Mag. BLACK GROUND RED GREEN SWITCHED 12 VOLT SIGNAL OUTPUT GMR PICKUP NOTE: The brass screw must be used for proper operation. PRIMARY COIL (+) WIRE OR DIESEL INJECTOR 12 VOLT WIRE WASHER MUST BE ON TOP OF METAL TAB METAL TAB INJECTOR POWER WIRE GMR PICKUP GREEN SHIFT LIGHT BLACK GROUND UP MODE DOWN INJECTOR 12 VOLT WIRE Figure 7 Installation to a Diesel Injector. Note: The shift light must be programmed for 1-cylinder operation. Service In case of malfunction, this MSD component will be repaired free of charge according to the terms of the warranty. When returning MSD components for service, Proof of Purchase must be supplied for warranty verification. After the warranty period has expired, repair service is charged based on a minimum and maximum charge. All returns must have a Return Material Authorization (RMA) number issued to them before being returned. To obtain an RMA number please contact MSD Customer Service at 1 (888) MSD-7859 or visit our website at www.msdignition.com/rma to automatically obtain a number and shipping information. When returning the unit for repair, leave all wires at the length in which you have them installed. Be sure to include a detailed account of any problems experienced, and what components and accessories are installed on the vehicle. The repaired unit will be returned as soon as possible after receipt. (Ground shipping is covered by warranty). All units are returned regular UPS unless otherwise noted. For more information, call MSD Ignition at (915) 855-7123. MSD technicians are available from 7:00 a.m. to 6:00 p.m. Monday - Friday (mountain time). M S D I G N I T I O N • www.msdignition.com • (915) 857-5200 • FAX (915) 857-3344 © 2007 Autotronic Controls Corporation FRM29016 Revised 11/07 Printed in U.S.A. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |