Electronic Components Datasheet Search
  English  ▼

X  

8963 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8963
Description  MSD Digital Shift Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8963 Datasheet(HTML) 1 Page - Mallory performance club

  8963 Datasheet HTML 1Page - Mallory performance club 8963 Datasheet HTML 2Page - Mallory performance club 8963 Datasheet HTML 3Page - Mallory performance club 8963 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSD Digital Shift Light
PN 8963
WARNING: When installing the Shift Light disconnect the battery cables. When disconnecting,
always remove the negative cable first and install it last.
Parts Included:
1 - Shift Light
1 - Mounting Bracket
1 - GMR Pickup, PN 8918
2 - Washers
1 - Brass Screw
1 - Parts Bag
UP
MODE
DOWN
PROGRAMMING
BUTTONS
RED TO SWITCHED 12 VOLTS
GREEN TO TACH SIGNAL
BLACK TO GROUND
PROGRAMMING
CY - Cylinder Count
12, 10, 8, 6, 6 odd, 4, 2, 2 odd, 1
LuL - Light Intensity
Scale of 9-0 Bright to Dim
Use Up/Down
buttons to adjust
cylinders, intensity
and rpm points.
Figure 1 Digital Shift Light Wiring and Programming.
PROGRAMMING
By pressing the two buttons simultaneous-
ly, you get the Shift Light into the different
programming modes.
RPM Points: To adjust rpm points, press
the two buttons until the rpm shows. No-
tice that all but one of the numbers flash.
The position of the steady digit matches
the gear change (the first, second, third or
fourth digit equals each gear). Adjust the
rpm then push the two buttons again to
move to the next gear.
Cylinder Count: The display will read CY
and allows you to select between one to 12-
cylinder engines using the Up/Down buttons.
Intensity: Control the intensity of the LED and read out. Hold the buttons until LuL displays. Use the
buttons to select from 9 (brightest) to 0 to turn off the shift light.
Self: Self mode will walk through all of the settings programmed into the light. It will first show the
rpm shift points for the four shifts, the cylinder count and light intensity. Start the test mode by push-
ing either button once Self is displayed. To reset the Self mode, push either button when SELF is
displayed, or turn the power Off.
Each time the DSL is powered on, the LED will display the program values that are set.
INSTALLATION
The Shift Light installs easily with the GMR Pickup or through the tach output terminal of an MSD Ig-
nition Control or aftermarket ECU. It will accept a trigger signal rated from 0-24 volt amplitude.
Never
connect the Green Wire directly to the coil negative terminal.
If an ignition control or aftermarket ECU are not being used, the GMR pickup must be connected.
IMPORTANT: Do NOT connect to the coil (-) terminal. The supplied GMR pickup must be used
when installing the Digital Shift Light unless the rpm signal is coming from the tach
output of an MSD Ignition or aftermarket ECU. Damage to the DSL will occur if con-
nected to a high voltage trigger source.
M S D I G N I T I O N • www.msdignition.com • (915) 857-5200 • FAX (915) 857-3344


Similar Part No. - 8963

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
89631 MALLORY-89631 Datasheet
571Kb / 4P
MSD Digital Shift Light
logo
FCI connector
89639-XYY FCI-CONNECTOR-89639-XYY Datasheet
664Kb / 8P
BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
More results

Similar Description - 8963

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7542 MALLORY-PN7542 Datasheet
212Kb / 2P
MSD Digital Shift Light with Adjustable Intensity
PN8952 MALLORY-PN8952 Datasheet
304Kb / 4P
MSD Shift Light
PN8963 MALLORY-PN8963 Datasheet
458Kb / 4P
MSD Digital Shift Light
PN8991 MALLORY-PN8991 Datasheet
165Kb / 2P
MSD Self-Powered Timing Light
PN8992 MALLORY-PN8992 Datasheet
222Kb / 4P
MSD Timing Light
PN75591 MALLORY-PN75591 Datasheet
547Kb / 8P
MSD Programmable Shift Controller
PN89631 MALLORY-PN89631 Datasheet
571Kb / 4P
MSD Digital Shift Light
PN8975 MALLORY-PN8975 Datasheet
1Mb / 8P
MSD Digital Retard Control
8952 MALLORY-8952 Datasheet
304Kb / 4P
MSD Shift Light
89631 MALLORY-89631 Datasheet
571Kb / 4P
MSD Digital Shift Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com