Electronic Components Datasheet Search
  English  ▼

X  

8969 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8969
Description  Digital RPM Activated Window Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8969 Datasheet(HTML) 1 Page - Mallory performance club

  8969 Datasheet HTML 1Page - Mallory performance club 8969 Datasheet HTML 2Page - Mallory performance club 8969 Datasheet HTML 3Page - Mallory performance club 8969 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Digital RPM Activated Window Switch
PN 8969
Parts Included:
1 - Digital Window Switch, PN 8969
1 - Parts Bag
OPERATION
The MSD Digital RPM Activated Window Switch accepts a variety of input signals from sources
such as a coil negative terminal (factory inductive ignitions), a CD ignition tach-output such as
an MSD 6 or 7 Series Ignition, an output from an ECU, or a 5-400 volt signal from an MSD Tach
Adapter.
The PN 8969 can be programmed for use on nearly every engine with a spark ignition or tachometer
signal. The rpm values are adjustable in 100 rpm increments from 200 - 15,000 rpm (The rpm is shown
x100). There must be a difference of at least 300 rpm between the two activation points for correct
operation. Changes can be made while the engine is running.
Note: There is a 200 rpm safety range built into the activation and deactivation points. This means
that the rpm must drop 200 rpm below the activation point to turn the circuit off. Conversely, the rpm
must drop 200 rpm below the deactivation point in order to turn the circuit back on. This is to prevent
the circuit from ‘chattering on and off’.
This switch is also capable of activating a circuit at a higher rpm than the Off rpm.
PROGRAMMING THE RPM
The engine application and rpm activation points are easily selected through push buttons on the
LED panel (Figure 1). This Switch can be programmed for a variety of engine and ignitions as shown
in the following chart.
1-Cylinder
This program is used for individual coil per cylinder systems (such as GM
LS-1 engines, or ’99-Up Mustangs).
2-Cylinder
This is for ignitions with coil packs that fire two cylinders at the same time
(waste spark systems).
2-Cyl. Odd
Use on coil pack ignitions that are on odd-fire engines such as a
Viper V-10 or Harley-Davidson motorcycle.
4-Cylinder
Typical 4-cylinder engines with a distributor.
6-Cylinder
Typical 6-cylinder engines with a distributor.
6-Cyl. Odd
Typical 6-cylinder odd-fire engines with a distributor.
8-Cylinder
Typical 8-cylinder engines with a distributor.
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered
in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 8969

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
89693 BELDEN-89693 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
89694 BELDEN-89694 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
89696 BELDEN-89696 Datasheet
155Kb / 3P
POS Cable, #22-2pr, BC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
89696 BELDEN-89696 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
89696.0101000 BELDEN-89696.0101000 Datasheet
155Kb / 3P
POS Cable, #22-2pr, BC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
More results

Similar Description - 8969

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
logo
Analog Devices
CN-0274 AD-CN-0274 Datasheet
261Kb / 6P
Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
logo
Mallory performance clu...
636 MALLORY-636 Datasheet
156Kb / 1P
4-Stage RPM Activated Switch
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
PN8950 MALLORY-PN8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
PN8956 MALLORY-PN8956 Datasheet
220Kb / 4P
MSD RPM Activated Window Switch
PN8969 MALLORY-PN8969 Datasheet
354Kb / 4P
Digital RPM Activated Window Switch
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Mallory performance clu...
8950 MALLORY-8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
8956 MALLORY-8956 Datasheet
220Kb / 4P
MSD RPM Activated Window Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com