Electronic Components Datasheet Search
  English  ▼

X  

8969 Datasheet(PDF) 2 Page - Mallory performance club

Part # 8969
Description  Digital RPM Activated Window Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8969 Datasheet(HTML) 2 Page - Mallory performance club

  8969 Datasheet HTML 1Page - Mallory performance club 8969 Datasheet HTML 2Page - Mallory performance club 8969 Datasheet HTML 3Page - Mallory performance club 8969 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INSTALLATIONINSTRUCTIONS
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
The rpm activation points and cylin-
der select are programmed through
the push buttons on the LED panel
(Figure 1). Press the Mode button,
and notice that the indicator light
above the On RPM lights. When that
point is on, you can scroll the rpm
value up or down with the arrows on
the left of the panel. Once your On
rpm is set, push the Mode button
until the Off RPM point lights, then
set the Off rpm point. Note that if the
rpm point is not changed within 2-seconds, the screen returns to the current rpm reading (zero when
the engine is not running). After setting the On and Off points, press the Mode button to program the
Cylinder Select Valve (default is for 8-cyl.).
Figure 2 Wired to a Stock Inductive Style Ignition at the Coil Negative Terminal.
WIRING
RED
This is the On/Off wire. Connects to switched 12 volts.
BLACK
Connects to a good ground source.
WHITE
Signal Input. Provides the trigger signal from a tach input, +5-12 volt signal from
an ignition tach output terminal, ECU output or coil negative terminal.
GRAY
Normally Closed. This wire will remove the ground source at your desired
On rpm, and complete the ground circuit at the set Off rpm.
Note: The output wires are capable of a switch load of 2.5 amps, continuous. The operating
input voltage of the Switch is 9-18 volts.
OUTPUT WIRES
YELLOW
Normally Opened. This wire will provide a ground source at your desired On
rpm, and remove the ground at the set Off rpm.
Figure 1 Programming the Digital Switch.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com