Electronic Components Datasheet Search
  English  ▼

X  

85463 Datasheet(PDF) 1 Page - Mallory performance club

Part # 85463
Description  MSD Pro-Billet Chrysler V8 Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

85463 Datasheet(HTML) 1 Page - Mallory performance club

  85463 Datasheet HTML 1Page - Mallory performance club 85463 Datasheet HTML 2Page - Mallory performance club 85463 Datasheet HTML 3Page - Mallory performance club 85463 Datasheet HTML 4Page - Mallory performance club 85463 Datasheet HTML 5Page - Mallory performance club 85463 Datasheet HTML 6Page - Mallory performance club 85463 Datasheet HTML 7Page - Mallory performance club 85463 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WARNING: Before installing the MSD Distributor, disconnect the battery cables. When disconnecting
the battery cables, always remove the Negative (-) cable first and install it last.
MSD Pro-Billet Chrysler V8 Distributor
PN 8545 - 383, 400
PN 8546/85463 - 426, 440
Important: Read these instructions before attempting the installation.
Note: An MSD Ignition Control is required to use these distributors.
Parts Included:
1 - Pro-Billet Distributor
1 - Rotor, PN 8467
1 - Distributor Cap, Red PN 8431 or Black PN 84313
Note: The terminals of this Distributor require spark plug style terminals. You may need to change the
terminals and boots of your wires. MSD offers a kit, PN 8849, that is supplied with nine boots and
terminals for this style cap.
TIMING FUNCTIONS
Before continuing with the installation, here are a few definitions you should be aware of:
Initial Timing: This is the base timing (also referred to as idle timing) of the engine before the
centrifugal advance begins.
Centrifugal Advance: The centrifugal (or mechanical) advance mechanism is made up of weights,
springs, advance cams, and an advance stop bushing. The amount and rate of advance that your
distributor is capable of is determined by the centrifugal timing. If you ever wish to lock out the
centrifugal advance, refer to the centrifugal advance section.
Total Timing: This is the total of the initial timing plus the centrifugal advance added together.
Example: 10° Initial + 25° centrifugal = 35° Total Timing. (When checking Total timing, disconnect
the vacuum canister and plug the vacuum source.)
Note: MSD Distributors are supplied with the heavy (slow) advance springs installed. This is to
prevent detonation in certain applications. Review the information on pages 2-4 to determine
the best advance curve for your application.
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 7 -5 2 0 0 • F AX ( 9 15 ) 8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
1 - Gasket
1 - Parts Bag
1 - O-Ring Seal


Similar Part No. - 85463

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8546 FILTRAN-8546 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
PHOENIX CONTACT
8546 PHOENIX-8546 Datasheet
300Kb / 18P
AXL E ETH DI16 M12 6M
logo
TriQuint Semiconductor
854622 TRIQUINT-854622 Datasheet
37Kb / 1P
175 MHz Bandpass Filter
854651 TRIQUINT-854651 Datasheet
36Kb / 1P
70 MHz Low-Loss Filter
854651 TRIQUINT-854651_15 Datasheet
492Kb / 5P
70 MHz SAW Filter
More results

Similar Description - 85463

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8386 MALLORY-PN8386 Datasheet
603Kb / 8P
MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN8388 MALLORY-PN8388 Datasheet
603Kb / 8P
MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN8517 MALLORY-PN8517 Datasheet
334Kb / 8P
MSD Pro-Billet V8 Distributor
PN8534 MALLORY-PN8534 Datasheet
521Kb / 8P
MSD Pro-Billet Chrysler V8 Distributor
PN8545 MALLORY-PN8545 Datasheet
334Kb / 8P
MSD Pro-Billet Chrysler V8 Distributor
PN83891 MALLORY-PN83891 Datasheet
489Kb / 8P
MSD Pro-Billet Chrysler Distributor
PN85551 MALLORY-PN85551 Datasheet
489Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
MSD Pro-Billet Chevrolet V8 Distributor
83873 MALLORY-83873 Datasheet
597Kb / 8P
MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
85505 MALLORY-85505 Datasheet
324Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com