Electronic Components Datasheet Search
  English  ▼

X  

ISL6526AEVAL2 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6526AEVAL2
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6526AEVAL2 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6526AEVAL2 Datasheet HTML 9Page - Intersil Corporation ISL6526AEVAL2 Datasheet HTML 10Page - Intersil Corporation ISL6526AEVAL2 Datasheet HTML 11Page - Intersil Corporation ISL6526AEVAL2 Datasheet HTML 12Page - Intersil Corporation ISL6526AEVAL2 Datasheet HTML 13Page - Intersil Corporation ISL6526AEVAL2 Datasheet HTML 14Page - Intersil Corporation ISL6526AEVAL2 Datasheet HTML 15Page - Intersil Corporation ISL6526AEVAL2 Datasheet HTML 16Page - Intersil Corporation ISL6526AEVAL2 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
FN9055.12
September 30, 2015
Submit Document Feedback
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic
capacitors for high frequency decoupling and bulk capacitors
to supply the current needed each time Q1 turns on. Place the
small ceramic capacitors physically close to the MOSFETs
and between the drain of Q1 and the source of Q2.
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current rating requirement
for the input capacitor of a buck regulator is approximately
1/2 the DC load current.
The maximum RMS current required by the regulator may be
closely approximated using Equation 15:
For a through hole design, several electrolytic capacitors may
be needed. For surface mount designs, solid tantalum
capacitors can be used, but caution must be exercised with
regard to the capacitor surge current rating. These capacitors
must be capable of handling the surge-current at power-up.
Some capacitor series available from reputable manufacturers
are surge current tested.
MOSFET Selection/Considerations
The ISL6526, ISL6526A require two N-Channel power
MOSFETs. These should be selected based upon rDS(ON),
gate supply requirements, and thermal management
requirements.
In high-current applications, the MOSFET power dissipation,
package selection and heatsink are the dominant design
factors. The power dissipation includes two loss components;
conduction loss and switching loss. The conduction losses are
the largest component of power dissipation for both the upper
and the lower MOSFETs. These losses are distributed
between the two MOSFETs according to duty factor. The
switching losses seen when sourcing current will be different
from the switching losses seen when sinking current. When
sourcing current, the upper MOSFET realizes most of the
switching losses. The lower switch realizes most of the
switching losses when the converter is sinking current (see
Equations 16 and 17). These equations assume linear
voltage-current transitions and do not adequately model
power loss due the reverse-recovery of the upper and lower
MOSFET’s body diode. The gate-charge losses are
dissipated by the ISL6526, ISL6526A and don't heat the
MOSFETs. However, large gate-charge increases the
switching interval, tSW which increases the MOSFET
switching losses. Ensure that both MOSFETs are within their
maximum junction temperature at high ambient temperature
by calculating the temperature rise according to package
thermal-resistance specifications. A separate heatsink may be
necessary depending upon MOSFET power, package type,
ambient temperature and air flow.
Given the reduced available gate bias voltage (5V), logic-level
or sub-logic-level transistors should be used for both
N-MOSFETs. Caution should be exercised with devices
exhibiting very low VGS(ON) characteristics. The shoot-through
protection present aboard the ISL6526, ISL6526A may be
circumvented by these MOSFETs if they have large parasitic
impedances and/or capacitances that would inhibit the gate of
the MOSFET from being discharged below its threshold level
before the complementary MOSFET is turned on.
Bootstrap Component Selection
External bootstrap components, a diode and capacitor, are
required to provide sufficient gate enhancement to the upper
MOSFET. The internal MOSFET gate driver is supplied by the
external bootstrap circuitry, as shown in Figure 7. The boot
capacitor, CBOOT, develops a floating supply voltage
referenced to the PHASE pin. This supply is refreshed each
cycle, when DBOOT conducts, to a voltage of CPVOUT less the
boot diode drop, VD, plus the voltage rise across QLOWER.
IRMS
MAX
VOUT
VIN
--------------
IOUT
MAX
2
1
12
------
VIN VOUT
–
Lfs
-----------------------------
VOUT
VIN
--------------


2
+


=
(EQ. 15)
PLOWER = Io2 x rDS(ON) x (1 - D)
Losses while Sourcing Current
PUPPER
Io
2
rDS ON

D
1
2
--- Io
VIN
tSW fs
+
=
(EQ. 16)
Where: D is the duty cycle = VOUT/VIN,
tSW is the combined switch ON and OFF time, and
fs is the switching frequency.
Losses while Sinking Current
PLOWER
Io
2
rDS ON

1D
–

1
2
--- Io
VIN
tSW fs
+
=
PUPPER = Io2 x rDS(ON) x D
(EQ. 17)
ISL6526,
GND
LGATE
UGATE
PHASE
BOOT
VIN
NOTE:
NOTE:
VG-S = VCC
CBOOT
DBOOT
QUPPER
QLOWER
+
-
FIGURE 7. UPPER GATE DRIVE BOOTSTRAP
VG-S = VCC -VD
+
VD
-
CPVOUT
ISL6526A
ISL6526, ISL6526A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com