| Electronic Components Datasheet Search |
|
ISL6526AEVAL2 Datasheet(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ISL6526AEVAL2 Datasheet(HTML) 2 Page - Intersil Corporation |
|
2 / 18 page ![]() 2 FN9055.12 September 30, 2015 Submit Document Feedback Ordering Information PART NUMBER (Notes 2, 3) PART MARKING TEMP RANGE (°C) PACKAGE PKG DWG. # ISL6526CBZ 6526CBZ 0 to +70 14 Ld SOIC (Pb-free) M14.15 ISL6526CBZ-T (Note 1) 6526CBZ 0 to +70 14 Ld SOIC (Pb-free) M14.15 ISL6526ACBZ (No longer available, recommended replacement: ISL6526AIRZ) 6526ACBZ 0 to +70 14 Ld SOIC (Pb-free) M14.15 ISL6526ACBZ-T (Note 1) (No longer available, recommended replacement: ISL6526AIRZ-T) 6526ACBZ 0 to +70 14 Ld SOIC (Pb-free) M14.15 ISL6526CRZ (No longer available, recommended replacement: ISL6526IRZ) ISL6526 CRZ 0 to +70 16 Ld 5x5 QFN (Pb-free) L16.5x5B ISL6526CRZ-T (Note 1) (No longer available, recommended replacement: ISL6526IRZ-T) ISL6526 CRZ 0 to +70 16 Ld 5x5 QFN (Pb-free) L16.5x5B ISL6526IBZ 6526IBZ -40 to +85 14 Ld SOIC (Pb-free) M14.15 ISL6526IBZ-T (Note 1) 6526IBZ -40 to +85 14 Ld SOIC (Pb-free) M14.15 ISL6526IRZ ISL 6526IRZ -40 to +85 16 Ld 5x5 QFN (Pb-free) L16.5x5B ISL6526IRZ-T (Note 1) ISL 6526IRZ -40 to +85 16 Ld 5x5 QFN (Pb-free) L16.5x5B ISL6526IRZ-TK (Note 1) ISL 6526IRZ -40 to +85 16 Ld 5x5 QFN (Pb-free) L16.5x5B ISL6526AIRZ ISL65 26AIRZ -40 to +85 16 Ld 5x5 QFN (Pb-free) L16.5x5B ISL6526AIRZ-T (Note 1) ISL65 26AIRZ -40 to +85 16 Ld 5x5 QFN (Pb-free) L16.5x5B ISL6526AIRZ-TK (Note 1) ISL65 26AIRZ -40 to +85 16 Ld 5x5 QFN (Pb-free) L16.5x5B ISL6526EVAL1 ISL6526 SOIC Evaluation Board ISL6526EVAL2 ISL6526 QFN Evaluation Board ISL6526AEVAL1 ISL6526A SOIC Evaluation Board ISL6526AEVAL2 ISL6526A QFN Evaluation Board NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6526, ISL6526A. For more information on MSL please see tech brief TB363. ISL6526, ISL6526A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |