Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATmega164P
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 4Page - ATMEL Corporation ATmega164P Datasheet HTML 5Page - ATMEL Corporation ATmega164P Datasheet HTML 6Page - ATMEL Corporation ATmega164P Datasheet HTML 7Page - ATMEL Corporation ATmega164P Datasheet HTML 8Page - ATMEL Corporation ATmega164P Datasheet HTML 9Page - ATMEL Corporation ATmega164P Datasheet HTML 10Page - ATMEL Corporation ATmega164P Datasheet HTML 11Page - ATMEL Corporation ATmega164P Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
© 2013 / www.atmel.com
All devices have a programmable brown-out controller, on-chip 8MHz RC oscillator and a watchdog. The maximum frequency is 16MHz.
megaAVR
ATmega88P
8
512
1024
23
2.7-5.5
8
Yes
1
2
26
Yes
6
Yes
Yes
1 + USART
Yes
1
TQFP32, VQFN32
150
ATmega16M1
16
512
1024
27
2.7-5.5
11
4
1
1
1
27
Yes
10
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
150
ATmega168P
16
512
1024
23
2.7-5.5
8
Yes
1
2
26
Yes
6
Yes
Yes
1 + USART
Yes
1
TQFP32, VQFN32
150
ATmega32C1
32
1024
2048
27
2.7-5.5
11
4
1
1
27
Yes
4
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
150
ATmega32M1
32
1024
2048
27
2.7-5.5
11
4
1
1
1
27
Yes
10
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
150
ATmega64C1
64
2048
4096
27
2.7-5.5
11
4
1
1
27
Yes
4
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
150
ATmega64M1
64
2048
4096
27
2.7-5.5
11
4
1
1
1
27
Yes
10
--
Yes
1 (6)
Yes
--
1 (Y)
TQFP32, VQFN32
150
tinyAVR
ATtiny261
2
128
128
16
2.7-5.5
11
Yes
1
1 (10bit)
16
--
6
--
Yes
Yes
USI
--
VQFN32, VQFN20, SOIC20, TSSOP20
150
ATtiny45
4
256
256
6
2.7-5.5
4
Yes
--
2
7
--
4
--
Yes
USI
USI
--
VQFN20, SOIC8
150
ATtiny461
4
256
256
16
2.7-5.5
11
Yes
1
1 (10bit)
16
--
6
--
Yes
Yes
USI
--
VQFN32, VQFN20, SOIC20, TSSOP20
150
ATtiny87
8
512
512
16
2.7-5.5
11
Yes
1
1
16
--
3
Yes
Yes
1 + USI
No
1 (Y)
VQFN32, SOIC20, TSSOP20
150
ATtiny861
8
512
512
16
2.7-5.5
11
Yes
1
1 (10bit)
16
--
6
--
Yes
Yes
USI
--
VQFN32, VQFN20, SOIC20, TSSOP20
150
ATtiny167
16
512
512
16
2.7-5.5
11
Yes
1
1
16
--
3
Yes
Yes
1 + USI
No
1 (Y)
VQFN32, SOIC20, TSSOP20
150
Automotive Atmel AVR 32-bit Microcontrollers
Automotive Atmel AVR 8-bit Microcontrollers
Grade 0 (150°C)
UC3C0128
AVR32 (68)
128
32
16c & event system
123
3.0-3.6 / 4.5-5.5
12b 16c
12b 4c
4
6
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
5 (5)
2
3
1
Y
LQFP144
125
UC3C1128
AVR32 (68)
128
32
16c & event system
81
3.0-3.6 / 4.5-5.5
12b 16c
12b 4c
4
6
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
5 (5)
2
3
1
-
TQFP100
125
UC3C2128
AVR32 (68)
128
32
16c & event system
45
3.0-3.6 / 4.5-5.5
12b 11c
12b 4c
2
3
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
4 (4)
1
2
1
-
TQFP64/QFN64
125
UC3C0256
AVR32 (68)
256
64
16c & event system
123
3.0-3.6 / 4.5-5.5
12b 16c
12b 4c
4
6
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
5 (5)
2
3
1
Y
LQFP144
125
UC3C1256
AVR32 (68)
256
64
16c & event system
81
3.0-3.6 / 4.5-5.5
12b 16c
12b 4c
4
6
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
5 (5)
2
3
1
-
TQFP100
125
UC3C2256
AVR32 (68)
256
64
16c & event system
45
3.0-3.6 / 4.5-5.5
12b 11c
12b 4c
2
3
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
4 (4)
1
2
1
-
TQFP64/QFN64
125
UC3C0512
AVR32 (68)
512
64
16c & event system
123
3.0-3.6 / 4.5-5.5
12b 16c
12b 4c
4
6
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
5 (5)
2
3
1
Y
LQFP144
125
UC3C1512
AVR32 (68)
512
64
16c & event system
81
3.0-3.6 / 4.5-5.5
12b 16c
12b 4c
4
6
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
5 (5)
2
3
1
-
TQFP100
125
UC3C2512
AVR32 (68)
512
64
16c & event system
45
3.0-3.6 / 4.5-5.5
12b 11c
12b 4c
2
3
20b 4c motor control
8
Y & FPU
Y
2 (16)
1
FS
4 (4)
1
2
1
-
TQFP64/QFN64
125
UC3A0512
AVR32 with MPU (91)
512
64
15c
109
3.0-3.6 (5V tolerant)
10b 8c
Audio DAC
-
3
20bit 7c PWM
8
Y
Y
-
1
FS-OTG
4 (0)
2
1
1
Y
LQFP144
85
All devices have a programmable brown-out controller, on-chip 8MHz RC oscillator and a watchdog.
The maximum frequency is 66MHz (UC3A0512) and 50MHz (all others).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com