Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATmega164P
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 9Page - ATMEL Corporation ATmega164P Datasheet HTML 10Page - ATMEL Corporation ATmega164P Datasheet HTML 11Page - ATMEL Corporation ATmega164P Datasheet HTML 12Page - ATMEL Corporation ATmega164P Datasheet HTML 13Page - ATMEL Corporation ATmega164P Datasheet HTML 14Page - ATMEL Corporation ATmega164P Datasheet HTML 15Page - ATMEL Corporation ATmega164P Datasheet HTML 16Page - ATMEL Corporation ATmega164P Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Atmel Automotive Solutions
13
Atmel Automotive Solutions
Battery Solutions
Li-ion Battery Management
With the ATA6870N, Atmel provides a measurement and monitoring circuit designed for high-cell-count Li-ion battery
systems in industrial and automotive applications such as electrical and hybrid electrical vehicles, ebikes or uninteruptible
power supplies. It monitors the battery-cell voltage and the battery-cell temperature with a 12-bit ADC. The circuit also
provides active and passive charge-balancing capability for each battery cell. Up to 16 circuits (96 cells) can be cascaded in
one string.
Intelligent Battery Sensor
The Atmel megaAVR® ATmega32HVE2 and ATmega64HVE2 MCUs improve the performance and longevity of 12V
standard lead-acid batteries. Designed for intelligent battery sensor applications, the devices determine the state of charge
and state of health for 12V standard lead-acid batteries by measuring the battery voltage, current and temperature.
For cars with idle-stop-go function, this feature is mandatory to retain sufficient battery energy for a guaranteed engine
start. Combined with the Atmel ATA6870N Li-ion battery monitor IC, it forms an ideal system solution for replacing
12V standard lead-acid batteries with Li-ion batteries.
Part No.
Description
Package
ATA6870N
Battery-cell Measuring, Power Supply and Charge Balancing Circuit for Multi-cell
Li-ion Battery Stacks
QFN48
ATmega32HVE2/
ATmega64HVE2
Intelligent Battery Sensor System with Two 17/18bit
∑∆ ADCs, Programmable Gain Amplifier, Power Supply,
LIN Trx, 8bit AVR Core with 32bit Math. Extension and 32k/64k Flash Memory
QFN48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com