Electronic Components Datasheet Search
  English  ▼

X  

ATmega103 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATmega103
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega103 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATmega103 Datasheet HTML 7Page - ATMEL Corporation ATmega103 Datasheet HTML 8Page - ATMEL Corporation ATmega103 Datasheet HTML 9Page - ATMEL Corporation ATmega103 Datasheet HTML 10Page - ATMEL Corporation ATmega103 Datasheet HTML 11Page - ATMEL Corporation ATmega103 Datasheet HTML 12Page - ATMEL Corporation ATmega103 Datasheet HTML 13Page - ATMEL Corporation ATmega103 Datasheet HTML 14Page - ATMEL Corporation ATmega103 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
AVR STK500 User Guide
3-1
Rev. 1925C–AVR–3/03
Section 3
Hardware Description
Figure 3-1. STK500 Components
3.1
Description of
User LEDs
The STK500 starter kit includes 8 yellow LEDs and 8 push-button switches. The LEDs
and switches are connected to debug headers that are separated from the rest of the
board. They can be connected to the AVR devices with the supplied 10-wire cable to the
pin header of the AVR I/O ports. Figure 3-4 shows how the LEDs and switches can be
connected to the I/O port headers. The cables should be connected directly from the
port header to the LED or switch header. The cable should not be twisted. A red wire on
the cable indicates pin 1. Confirm that this is connected to pin 1 on each of the headers.
Figure 3-2 shows how the LED control is implemented. This solution will give the same
amount of light from the LED for all target voltages from 1.8V to 6.0V.
Power Switch
Power Connector
Power LED
Parallel Programming
Headers
RS-232 Port
for Programming
Master MCU
Status LED
RS-232 Port
for Communication
Options Setting
Jumpers
Sockets for
Target AVR
Headers
for I/O Ports
Switches
Header for
Switches
RS-232 Interface
Header
DataFlash Interface
Header
LEDs
Header for
Expansion Boards
Header for LEDs
10-pin ISP Header
(for External Target Only)
6-pin ISP Header
Target ISP Headers
Program Button
Socket for
Crystal
Target Reset
Push Button
Header for
Expansion Boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com