Electronic Components Datasheet Search
  English  ▼

X  

ATmega103 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATmega103
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega103 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATmega103 Datasheet HTML 23Page - ATMEL Corporation ATmega103 Datasheet HTML 24Page - ATMEL Corporation ATmega103 Datasheet HTML 25Page - ATMEL Corporation ATmega103 Datasheet HTML 26Page - ATMEL Corporation ATmega103 Datasheet HTML 27Page - ATMEL Corporation ATmega103 Datasheet HTML 28Page - ATMEL Corporation ATmega103 Datasheet HTML 29Page - ATMEL Corporation ATmega103 Datasheet HTML 30Page - ATMEL Corporation ATmega103 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-17
1925C–AVR–3/03
The internal VTARGET has a short circuit protection. If VTARGET is set to be higher
than 0.3V and the master microcontroller measures it to be below 0.3V for a duration of
80 ms, the master microcontroller will shut off the VTARGET and the Internal AREF.
When this happens, the status LED will blink quickly.
If an external VTARGET is used and the external VTARGET is turned off, this will also
be detected by the STK500 as a (false) short circuit. The latter case can be avoided by
lowering the internal VTARGET below 0.3V.
3.8.2
Analog Reference
Voltage, AREF
The analog reference voltage (AREF) can supply the reference voltage to the on-chip
A/D Converter on the AVR. If the AREF jumper is mounted, the on-board analog refer-
ence voltage is connected to the AVR’s AREF. The on-board analog reference voltage
can be adjusted from AVR Studio to 0 - 6.0V, but not above VTARGET.
When the AREF jumper is disconnected, AREF voltage must be supplied from an exter-
nal source at the AREF pin on the PORTE/AUX header (Figure 3-6). Figure 3-23
explains AREF jumper options.
When using an external source for AREF, the user must control VTARGET at a higher
voltage level than AREF. This can be controlled easily by reading the VTG value from
AVR Studio before setting AREF.
Figure 3-23. AREF Jumper Options
The STK500 master microcontroller controls the analog reference voltage using the
internal PWM. The AVR’s AREF signal is also accessible on the PORTE header; this
pin can also be used for external AREF signal. Figure 3-24 shows the internal connec-
tion of the AREF signal.
VTARGET
AREF
RESET
Jumper Mounted
On-board AREF voltage connected (default)
VTARGET
AREF
RESET
Jumper not Mounted
On-board AREF voltage disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com