Electronic Components Datasheet Search
  English  ▼

X  

DTC015TM Datasheet(PDF) 2 Page - Rohm

Part # DTC015TM
Description  NPN 100mA 50V Digital Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC015TM Datasheet(HTML) 2 Page - Rohm

  DTC015TM Datasheet HTML 1Page - Rohm DTC015TM Datasheet HTML 2Page - Rohm DTC015TM Datasheet HTML 3Page - Rohm DTC015TM Datasheet HTML 4Page - Rohm DTC015TM Datasheet HTML 5Page - Rohm DTC015TM Datasheet HTML 6Page - Rohm DTC015TM Datasheet HTML 7Page - Rohm DTC015TM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DTC015T series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
Power dissipation
DTC015TM
PD*1
150
mW
DTC015TEB
150
DTC015TUB
200
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 50μA
50
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
50
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 50μA
5
-
-
V
Collector cut-off current
ICBO
VCB = 50V
-
-
0.5
μA
Emitter cut-off current
IEBO
VEB = 4V
-
-
0.5
μA
Collector-emitter saturation voltage
VCE(sat)
IC / IB = 5mA / 0.25mA
-
0.03
0.15
V
DC current gain
hFE
VCE = 10V, IC = 5mA
100
-
600
-
Input resistance
R1
-
70
100
130
kΩ
Transition frequency
fT*2
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Each terminal mounted on a reference footprint
*2 Characteristics of built-in transistor
                                            
 
                                        
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
2/6
20121023 - Rev.001



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com