Electronic Components Datasheet Search
  English  ▼

X  

DTC015TM Datasheet(PDF) 1 Page - Rohm

Part # DTC015TM
Description  NPN 100mA 50V Digital Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC015TM Datasheet(HTML) 1 Page - Rohm

  DTC015TM Datasheet HTML 1Page - Rohm DTC015TM Datasheet HTML 2Page - Rohm DTC015TM Datasheet HTML 3Page - Rohm DTC015TM Datasheet HTML 4Page - Rohm DTC015TM Datasheet HTML 5Page - Rohm DTC015TM Datasheet HTML 6Page - Rohm DTC015TM Datasheet HTML 7Page - Rohm DTC015TM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DTC015T series
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
VMT3
EMT3F
VCEO
50V
 
 
 
 
IC
100mA
R1
100kΩ
DTC015TM
DTC015TEB
 
 
(SC-105AA)
(SC-89)
UMT3F
                     
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistor
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors
 with complete isolation to allow negative biasing
 of the input. They also have the advantage of
 completely eliminating parasitic effects.
4) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
5) Complementary PNP Types: DTA015T series
6) Lead Free/RoHS Compliant.
 
 
 
 
DTC015TUB
 
(SC-85)
 
                     
l
lInner circuit
l
lApplication
B: BASE
Switching circuit, Inverter circuit, Interface circuit,
C: COLLECTOR
Driver circuit
E: EMITTER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC015TM
VMT3
1212
T2L
180
8
8000
61
DTC015TEB
EMT3F
1616
TL
180
8
3000
61
DTC015TUB
UMT3F
2021
TL
180
8
3000
61
                                                                                         
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
1/6
20121023 - Rev.001


Similar Part No. - DTC015TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC015E ROHM-DTC015E Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC015EEB ROHM-DTC015EEB Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC015EM ROHM-DTC015EM Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC015EUB ROHM-DTC015EUB Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC015TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
NPN 100mA 50V Digital Transistors
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com