Electronic Components Datasheet Search
  English  ▼

X  

ADBL-A321 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # ADBL-A321
Description  Optical Finger Navigation Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADBL-A321 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button ADBL-A321 Datasheet HTML 5Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 6Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 7Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 8Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 9Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 10Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 11Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 12Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PixArt Imaging Inc.
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |22 Jan 2016 | 11010AEN
Regulatory Requirements
When assembled following PixArt Imaging recommendations, these regulatory requirements are applicable:
 Passes IEC 61000-4-3 and IEC61000-4-6 Class A Immunity limits
 Passes FCC or CISPR 22 Class B emission limits
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temp
260
°C
For 1.4 seconds
Moisture Sensitivity Level
MSL
1
Referring to JEDEC-J-STD-020
Analog and Digital Supply Voltage
VDD
-0.5
2.1
V
I/O Supply Voltage
VDDIO
-0.5
3.7
V
LED Supply Voltage
VLED+
-0.5
2.1
V
ESD (chip only)
2
kV
All pins, human body model
JESD22-A114-E
Input Voltage
VIN
-0.5
VDDIO+0.5
V
Latchup Current
Iout
20
mA
All Pins
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are the stress ratings only and functional operation of the device at these or any other condition
beyond those indicated may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
TA
-20
70
°C
Analog and Digital
Supply Voltage [1]
VDD
1.7
1.8
2.1
Volts
Including VNA noise.
I/O Supply Voltage [2]
VDDIO
1.65
1.8
2.8
3.6
Volts
Including VNA noise. Sets I/O
voltages.
LED Supply Voltage
VLED+
1.7
1.8
2
Volts
Including VNA noise.
Power Supply Rise Time
tVRT
0.001
10
ms
0 to VDD. At minimum rise
time, s/’
Power Supply Off Time
for Valid POR (Power on
Reset)
tOFF
10
ms
Refer to section “POR During
Power Cycling”
Power Off Voltage Level
for Valid POR (Power on
Reset)
VOFF
0
300
mV
Refer to section “POR During
Power Cycling”
Supply Noise Sinusoidal)
VNA
100
mVp-p
10 kHz - 50 MHz
Speed
S
20
in/sec
Using prosthetic finger as
surface
Transient Supply Current
IDDT
80
mA
Max supply current for
500ms for each supply
voltages ramp from 0 to 1.8V
Notes:
1. For operating temperature of less than -20°C down to -30°C, minimum VDD of 1.8V must be met.
2. To ensure minimum leakage current, VDDIO should be greater than or equal to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com