Electronic Components Datasheet Search
  English  ▼

X  

ADBL-A321 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADBL-A321
Description  Optical Finger Navigation Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADBL-A321 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADBL-A321 Datasheet HTML 6Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 7Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 8Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 9Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 10Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 11Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 12Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 13Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
PixArt Imaging Inc.
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |22 Jan 2016 | 11010AEN
Timing Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25° C, VDD=VDDIO=1.8V.
Parameter
Symbol
Minimum Typical Maximum Units Notes
Motion Delay After
Reset
tMOT-RST
3.5
23
ms
From Hard reset or SOFT_RESET
register write to valid register
write/read and motion, assuming
motion is present
Shutdown
tSHTDWN
50
ms
From SHTDWN pin active to low
current
Wake from Shutdown
tWAKEUP
100
ms
From SHTDWN pin inactive to
valid motion. Refer to section
“Notes on Shutdown”, also note
tMOT-RST
EVENT_INT Rise Time
tr-EVENT_INT
150
300
ns
CL = 100 pF
EVENT_INT Fall Time
tf-EVENT_INT
150
300
ns
CL = 100 pF
SHTDWN Pulse Width
tP-SHTDWN
150
ms
NRST Pulse Width
tNRST
20
s
From edge of valid NRST pulse
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25° C, VDD=VDDIO=1.8V at
default LED setting 13 mA.
Parameter
Symbol
Typical Maximum Units Notes
DC average supply
current in Run
mode
I VDD
1.56
2.13
mA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
IDD_LED+
1.34
1.90
mA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
Total
2.90
4.03
mA
DC average supply
current in Rest1
mode
I VDD
0.2
0.3
mA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
IDD_LED+
0.15
0.2
mA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
Total
0.35
0.50
mA
DC average supply
current in Rest2
mode
I VDD
0.04
0.07
mA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
IDD_LED+
0.03
0.05
mA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
Total
0.07
0.12
mA
DC average supply
current in Rest3
mode
I VDD
0.02
0.04
mA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
IDD_LED+
0.01
0.02
mA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
Total
0.03
0.05
mA
Supply current
during shutdown
IDDSHTDWN
VDD
1.54
26.00
µA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.
LED current during
shutdown
IDDSHTDWN
VLED+
0.70
µA
GPIO=SHTDWN=pull low, IO_MISO=NRST=pull high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com