Electronic Components Datasheet Search
  English  ▼

X  

TIPL760C Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TIPL760C
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIPL760C Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TIPL760C Datasheet HTML 1Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 2Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 3Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 4Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TIPL760B, TIPL760C
NPN SILICON POWER TRANSISTORS
P R O D UCT
INFORMA TION
1
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
● Rugged Triple-Diffused Planar Construction
● 4 A Continuous Collector Current
● Operating Characteristics Fully Guaranteed
at 100°C
● 1200 Volt Blocking Capability
● 75 W at 25°C Case Temperature
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTE
1: This value applies for tp ≤ 10 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIPL760B
TIPL760C
VCBO
1100
1200
V
Collector-emitter voltage (VBE = 0)
TIPL760B
TIPL760C
VCES
1100
1200
V
Collector-emitter voltage (IB = 0)
TIPL760B
TIPL760C
VCEO
500
550
V
Emitter-base voltage
VEBO
10
V
Continuous collector current
IC
4A
Peak collector current (see Note 1)
ICM
8A
Continuous device dissipation at (or below) 25°C case temperature
Ptot
75
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3


Similar Part No. - TIPL760C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIPL760C POINN-TIPL760C Datasheet
161Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIPL760C ISC-TIPL760C Datasheet
367Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - TIPL760C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com