Electronic Components Datasheet Search
  English  ▼

X  

TIPL760C Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TIPL760C
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIPL760C Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TIPL760C Datasheet HTML 1Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 2Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 3Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 4Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TIPL760B, TIPL760C
NPN SILICON POWER TRANSISTORS
4
PRODU CT
INFORMA TION
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
Figure 6.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
1·0
10
100
TCP741AA
V
CE = 5 V
T
C = 125°C
T
C =
25°C
T
C =
-65°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·5
1·0
1·5
2·0
0
1·0
2·0
3·0
4·0
5·0
TCP741AB
T
C =
25°C
T
C = 100°C
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A
BASE-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·2
0·4
0·6
0·8
1·0
1·2
1·4
1·6
0·75
0·85
0·95
1·05
1·15
1·25
TCP741AC
T
C = 25°C
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A
COLLECTOR CUT-OFF CURRENT
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
-60
-30
0
306090
120
0·001
0·01
0·1
1·0
10
TCP741AO
TIPL760C
V
CE = 1200 V
TIPL760B
V
CE = 1100 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com