Electronic Components Datasheet Search
  English  ▼

X  

SDP2000-L Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SDP2000-L
Description  For cost sensitive HVAC and medical OEM applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP2000-L Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDP2000-L Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.sensirion.com
v5 February 2013
5/10
Table 4: SDP1000 / SDP2000 electrical characteristics.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supply Voltage VDD
4.75
5.0
5.25
VDC
Operating Current
5 V, no load, zero flow
4.3
5.2
mA
Output capacitive load Cload
20
200
pF
Recommended load Rload
20
100
∞
k
Ω
Table 5: Typical power supply dependence of the offset and the sensitivity.
Parameter
Device
4.75 V
5.0 V
5.25 V
Units
Offset
SDP1000-L05
- 0.4
+ 0.4
Pa
SDP1000-L
- 1.6
+ 1.6
SDP2000-L
- 10.3
+ 10.3
Sensitivity
SDP1000-L05
28
30
32
mV/Pa
SDP1000-L
7.1
7.5
7.9
SDP2000-L
1.01
1.07
1.13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com