Electronic Components Datasheet Search
  English  ▼

X  

SDP2000-L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SDP2000-L
Description  For cost sensitive HVAC and medical OEM applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP2000-L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SDP2000-L Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP2000-L Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.sensirion.com
v5 February 2013
6/10
3
Physical Dimensions and Mounting Information
3.1 Housing
The SDP1000 / SDP2000 differential pressure sensor
is mounted in chemically inert PPS housing. The
rugged package has been designed to withstand
continuous overpressures of at least 1 bar (14.5 PSI).
Burst pressure is > 2 bar (29 PSI)
The physical dimensions and mounting information is
given in Figure 4 and 5.
Figure 4: Pin out and physical dimensions in mm (inch). The
drawing is not to scale.
Figure 5: SDP1000 / SDP2000 PCB footprint. The
drawing is not to scale.
3.2 Soldering Instructions
The SDP1000 / SDP2000 differential pressure sensor
can be wave soldered. Direct reflow soldering is not
recommended since it may affect the accuracy.
If reflow soldering is required Sensirion recommends
to use an SMD connector (e.g. type Samtec SSM-
103-L-SV) and to mount the SDP1000 / SDP2000
after soldering.
3.4
(0.134)
5.4
(0.213)
2.54
(0.100)
16.0
(0.630)
SDP100000206-10033-250-001
Hi
Lo
1.8
(0.071)
30.0
(1.181)
Pin#
1 2 3
A
G
C
F
D
E
No Components
inside this Area
B
A
22.1
(0.870)
Dim.
[mm]
[inch]
[mil]
A
3.00
0.118
118
B
3.30
0.130
130
C
1.20
0.047
47
D
10.20
0.402
402
E
28.20
1.110
1110
F
2.54
0.100
100
G
0.60
0.024
24
H
0.50
0.020
20
I
22.70
0.894
894
Pin#
Function
1
VDD (5 Vdc)
2
Ground
3
OUT (0.25…4 Vdc)
18.3
(0.720)
30.5
(1.200)
5.2
(0.205)
13.1
(0.516)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com