Electronic Components Datasheet Search
  English  ▼

X  

MPC972 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC972
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC972 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC972 Datasheet HTML 5Page - Motorola, Inc MPC972 Datasheet HTML 6Page - Motorola, Inc MPC972 Datasheet HTML 7Page - Motorola, Inc MPC972 Datasheet HTML 8Page - Motorola, Inc MPC972 Datasheet HTML 9Page - Motorola, Inc MPC972 Datasheet HTML 10Page - Motorola, Inc MPC972 Datasheet HTML 11Page - Motorola, Inc MPC972 Datasheet HTML 12Page - Motorola, Inc MPC972 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MPC972 MPC973
TIMING SOLUTIONS
BR1333 — Rev 6
9
MOTOROLA
‘0’
MPC972
Figure 8. Programming Configuration Example
fsela0
‘0’
fsela1
fselb0
fselb1
Input Ref
50MHz
fselc0
fselc1
fselFB0
fselFB1
fselFB2
VCO = 400MHz
Ext_FB
100MHz
Qa
40MHz
Qb
66.66MHz
Qc
4
4
4
50MHz
QFB
‘1’
‘1’
‘0’
‘1’
‘0’
‘1’
‘0’
‘0’
MPC972
Figure 9. Generating Pentium Clocks from Floppy Clock
fsela0
‘0’
fsela1
fselb0
fselb1
Input Ref
24MHz
fselc0
fselc1
fselFB0
fselFB1
fselFB2
Ext_FB
60MHz (Processor)
Qa
60MHz (Processor)
Qb
30MHz (PCI)
Qc
4
4
4
24MHz (Floppy Disk Clk)
QFB
‘0’
‘0’
‘1’
‘1’
‘1’
‘1’
‘0’
‘1’
MPC972
Figure 10. Generating MPC604 Clocks from Ethernet Clocks
fsela0
‘1’
fsela1
fselb0
fselb1
Input Ref
20MHz
fselc0
fselc1
fselFB0
fselFB1
fselFB2
Ext_FB
33MHz (PCI)
Qa
50MHz (Processor)
Qb
50MHz (Processor)
Qc
4
4
4
20MHz (Ethernet)
QFB
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
Figure 11. Phase Delay Using Multiple MPC972/973’s
‘0’
MPC972/973
fsela0
‘0’
fsela1
fselb0
fselb1
Input Ref
66MHz
fselc0
fselc1
fselFB0
fselFB1
fselFB2
Ext_FB
66MHz
Qa
66MHz
Qb
66MHz
Qc
4
4
2
QFB
‘0’
‘0’
‘0’
‘1’
‘0’
‘1’
‘0’
‘1’
MPC972/973
fsela0
‘0’
fsela1
fselb0
fselb1
Input Ref
fselc0
fselc1
fselFB0
fselFB1
fselFB2
Ext_FB
33MHz Shifted 90
°
Qa
33MHz Shifted 90
°
Qb
33MHz Shifted 90
°
Qc
4
4
4
66MHz
QFB
‘0’
‘1’
‘1’
‘1’
‘0’
‘0’
‘0’
Inv_Clk
‘1’
Inv_Clk
‘0’
66MHz
Qc
2
66MHz
33MHz
Shifted 90
°
66MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com