Electronic Components Datasheet Search
  English  ▼

X  

MPC972 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC972
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC972 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC972 Datasheet HTML 1Page - Motorola, Inc MPC972 Datasheet HTML 2Page - Motorola, Inc MPC972 Datasheet HTML 3Page - Motorola, Inc MPC972 Datasheet HTML 4Page - Motorola, Inc MPC972 Datasheet HTML 5Page - Motorola, Inc MPC972 Datasheet HTML 6Page - Motorola, Inc MPC972 Datasheet HTML 7Page - Motorola, Inc MPC972 Datasheet HTML 8Page - Motorola, Inc MPC972 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1997
8/97
Low Voltage PLL Clock Driver
The MPC972/973 are 3.3V compatible, PLL based clock driver
devices targeted for high performance CISC or RISC processor based
systems. With output frequencies of up to 125MHz and skews of 550ps
the MPC972/973 are ideally suited for most synchronous systems. The
devices offer twelve low skew outputs plus a feedback and sync output for
added flexibility and ease of system implementation.
• Fully Integrated PLL
• Output Frequency up to 125MHz
• Compatible with PowerPC™ and Pentium™ Microprocessors
• TQFP Packaging
• 3.3V VCC
• ± 100ps Typical Cycle–to–Cycle Jitter
The MPC972/973 features an extensive level of frequency
programmability between the 12 outputs as well as the input vs output
relationships. Using the select lines output frequency ratios of 1:1, 2:1,
3:1, 3:2, 4:1, 4:3, 5:1, 5:2, 5:3, 6:1 and 6:5 between outputs can be
realized by pulsing low one clock edge prior to the coincident edges of the
Qa and Qc outputs. The Sync output will indicate when the coincident
rising edges of the above relationships will occur. The selectability of the
feedback frequency is independent of the output frequencies, this allows
for very flexible programming of the input reference vs output frequency
relationship. The output frequencies can be either odd or even multiples
of the input reference. In addition the output frequency can be less than
the input frequency for applications where a frequency needs to be
reduced by a non–binary factor. The Power–On Reset ensures proper
programming if the frequency select pins are set at power up. If the
fselFB2 pin is held high, it may be necessary to apply a reset after
power–up to ensure synchronization between the QFB output and the
other outputs. The internal power–on reset is designed to provide this
function, but with power–up conditions being system dependent, it is
difficult to guarantee. All other conditions of the fsel pins will automatically
synchronize during PLL lock acquisition.
The MPC972/973 offers a very flexible output enable/disable scheme. This enable/disable scheme helps facilitate system
debug as well as provide unique opportunities for system power down schemes to meet the requirements of “green” class
machines. The MPC972 allows for the enabling of each output independently via a serial input port. When disabled or “frozen”
the outputs will be locked in the “LOW” state, however the internal state machines will continue to run. Therefore when “unfrozen”
the outputs will activate synchronous and in phase with those outputs which were not frozen. The freezing and unfreezing of
outputs occurs only when they are already in the “LOW” state, thus the possibility of runt pulse generation is eliminated. A
power-on reset will ensure that upon power up all of the outputs will be active. Note that all of the control inputs on the
MPC972/973 have internal pull–up resistors.
The MPC972/973 is fully 3.3V compatible and requires no external loop filter components. All inputs accept LVCMOS/LVTTL
compatible levels while the outputs provide LVCMOS levels with the capability to drive 50
Ω transmission lines. For series
terminated lines each MPC972/973 output can drive two 50
Ω lines in parallel thus effectively doubling the fanout of the device.
The MPC972/973 can consume significant power in some configurations. Users are encouraged to review Application Note
AN1545/D in the Timing Solutions book (BR1333/D) for a discussion on the thermal issues with the MPC family of clock drivers.
PowerPC is a trademark of International Business Machines Corporation. Pentium is a trademark of Intel Corporation.
MPC972
MPC973
LOW VOLTAGE
PLL CLOCK DRIVER
FA SUFFIX
52–LEAD TQFP PACKAGE
CASE 848D-03


Similar Part No. - MPC972

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC970 MOTOROLA-MPC970 Datasheet
213Kb / 16P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Integrated Device Techn...
MPC9772 IDT-MPC9772 Datasheet
442Kb / 17P
3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
logo
Renesas Technology Corp
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results

Similar Description - MPC972

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com