Electronic Components Datasheet Search
  English  ▼

X  

TAS5110ADAD Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5110ADAD
Description  PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110ADAD Datasheet(HTML) 2 Page - Texas Instruments

  TAS5110ADAD Datasheet HTML 1Page - Texas Instruments TAS5110ADAD Datasheet HTML 2Page - Texas Instruments TAS5110ADAD Datasheet HTML 3Page - Texas Instruments TAS5110ADAD Datasheet HTML 4Page - Texas Instruments TAS5110ADAD Datasheet HTML 5Page - Texas Instruments TAS5110ADAD Datasheet HTML 6Page - Texas Instruments TAS5110ADAD Datasheet HTML 7Page - Texas Instruments TAS5110ADAD Datasheet HTML 8Page - Texas Instruments TAS5110ADAD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TAS5110A
SLES079A – APRIL 2003 – REVISED MAY 2003
www.ti.com
2
TERMINAL ASSIGNMENTS
The TAS5110A is offered in a thermally enhanced 32-pin TSSOP surface-mount package (DAD). The DAD package
has the PowerPAD on top.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PWM_BP
PWM_BM
RESET
PWDN
BIAS_B
BIAS_A
VRFILT
DVSS
DVSS
DVSS
DVDD
SHUTDOWN
ERR0
ERR1
PWM_AM
PWM_AP
PVDDB2
LDROUTB
BOOTSTRAPB
PVDDB1
PVDDB1
OUTPUTB
OUTPUTB
PVSS
PVSS
OUTPUTA
OUTPUTA
PVDDA1
PVDDA1
BOOTSTRAPA
LDROUTA
PVDDA2
DAD PACKAGE
(TOP VIEW)
ORDERING INFORMATION
TC
PACKAGE
TAPE AND REEL
0
°C to 70°C
TAS5110ADAD
TAS5110ADADR
REFERENCES
1.
TAS5000 Digital Audio PWM Processor data manual (SLAS270)
2.
True Digital Audio Amplifier TAS5001 Digital Audio PWM Processor data sheet (SLES009)
3.
True Digital Audio Amplifier TAS5010 Digital Audio PWM Processor data sheet (SLAS328)
4.
True Digital Audio Amplifier TAS5012 Digital Audio PWM Processor data sheet (SLES006)
5.
Digital Audio Measurements application report (SLAA114)
6.
PowerPAD Thermally Enhanced Package technical brief (SLMA002)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com