Electronic Components Datasheet Search
  English  ▼

X  

TC7MH245F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MH245F
Description  Octal Bus Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH245F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MH245F Datasheet HTML 1Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 2Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 3Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 4Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 5Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7MH245FK
2001-10-23
4
AC Characteristics (Input: tr =
=== tf ==== 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.8
8.4
1.0
10.0
3.3
± 0.3
50
8.3
11.9
1.0
13.5
15
4.0
5.5
1.0
6.5
Propagation delay time
tpLH
tpHL
5.0
± 0.5
50
5.5
7.5
1.0
8.5
ns
15
8.5
13.2
1.0
15.5
3.3
± 0.3
50
11.0
16.7
1.0
19.0
15
5.8
8.5
1.0
10.0
3-state output enable time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
7.3
10.6
1.0
12.0
ns
3.3
± 0.3
50
11.5
15.8
1.0
18.0
3-state output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
7.0
9.7
1.0
11.0
ns
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
DIR, G
4
10
10
pF
Bus input capacitance
CI/O
An, Bn
8
pF
Power dissipation
capacitance
CPD
(Note2)
21
pF
Note1: This parameter is guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)
Noise Characteristics (Input: tr =
=== tf ==== 3 ns)
Ta
= 25°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.7
1.0
V
Quiet output minimum dynamic
VOL
VOLV
CL = 50 pF
5.0
−0.7
−1.0
V
Minimum high level dynamic input voltage VIH
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input voltage VIL
VILD
CL = 50 pF
5.0
1.5
V
Input Equivalent Circuit
Bus Terminal Equivalent Circuit
Input
An, Bn
I/O
An, Bn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com