Electronic Components Datasheet Search
  English  ▼

X  

TC7MH245F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7MH245F
Description  Octal Bus Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH245F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7MH245F Datasheet HTML 1Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 2Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 3Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 4Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 5Page - Toshiba Semiconductor TC7MH245F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7MH245FK
2001-10-23
3
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~5.5
V
Input voltage (DIR, G )
VIN
0~5.5
V
Bus I/O voltage
VI/O
0~VCC
V
Operating temperature
Topr
−40~85
°C
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.50
1.50
High level
VIH
3.0~5.5
VCC
× 0.7
VCC
× 0.7
2.0
0.50
0.50
Input voltage
Low level
VIL
3.0~5.5
VCC
× 0.3
VCC
× 0.3
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 µA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High level
VOH
VIN = VIH
or VIL
IOH = −8 mA
4.5
3.94
3.80
2.0
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 50 µA
4.5
0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Output
voltage
Low level
VOL
VIN = VIH
or VIL
IOL = 8 mA
4.5
0.36
0.44
V
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
ー
ー
±0.25
ー
±2.50
µA
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±0.1
±1.0
µA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
4.0
40.0
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com